Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5402A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # N5402A
Description  Analysis Software for Infiniium
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5402A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button N5402A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 8Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 9Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 10Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 11Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 12Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 13Page - Agilent(Hewlett-Packard) N5402A Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Table 1. FlexRay mask files (continued)
Mask file name
Baud rate
Test
plane1
Clock recovery method1
Observation
window
Test time
FlexRay 5M TP1-receiver-1cycle.msk
5 Mbps
TP1
10 MHz sync’d to every BSS
1 cycle2
Stop-on-failure
FlexRay 5M TP2-receiver-1cycle.msk
5 Mbps
TP2
10 MHz sync’d to every BSS
1 cycle2
Stop-on-failure
FlexRay 5M TP3-receiver-1cycle.msk
5 Mbps
TP3
10 MHz sync’d to every BSS
1 cycle2
Stop-on-failure
FlexRay 5M TP4-receiver-1cycle.msk
5 Mbps
TP4
10 MHz sync’d to every BSS
1 cycle2
Stop-on-failure
FlexRay 5M TP1-transmitter-1cycle.msk
5 Mbps
TP1
10 MHz sync’d to 1st BSS in frame
1 cycle2
Stop-on-failure
FlexRay 5M TP2-transmitter-1cycle.msk
5 Mbps
TP2
10 MHz sync’d to 1st BSS in frame
1 cycle2
Stop-on-failure
FlexRay 5M TP3-transmitter-1cycle.msk
5 Mbps
TP3
10 MHz sync’d to 1st BSS in frame
1 cycle2
Stop-on-failure
FlexRay 5M TP4-transmitter-1cycle.msk
5 Mbps
TP4
10 MHz sync’d to 1st BSS in frame
1 cycle2
Stop-on-failure
FlexRay 5M TP1-receiver-95bits.msk
5 Mbps
TP1
10 MHz sync’d to every BSS
19 µs3
Stop-on-failure
FlexRay 5M TP2-receiver-95bits.msk
5 Mbps
TP2
10 MHz sync’d to every BSS
19 µs3
Stop-on-failure
FlexRay 5M TP3-receiver-95bits.msk
5 Mbps
TP3
10 MHz sync’d to every BSS
19 µs3
Stop-on-failure
FlexRay 5M TP4-receiver-95bits.msk
5 Mbps
TP4
10 MHz sync’d to every BSS
19 µs3
Stop-on-failure
FlexRay 5M TP1-transmitter-95bits.msk
5 Mbps
TP1
10 MHz sync’d to 1st BSS in frame
19 µs3
Stop-on-failure
FlexRay 5M TP2-transmitter-95bits.msk
5 Mbps
TP2
10 MHz sync’d to 1st BSS in frame
19 µs3
Stop-on-failure
FlexRay 5M TP3-transmitter-95bits.msk
5 Mbps
TP3
10 MHz sync’d to 1st BSS in frame
19 µs3
Stop-on-failure
FlexRay 5M TP4-transmitter-95bits.msk
5 Mbps
TP4
10 MHz sync’d to 1st BSS in frame
19 µs3
Stop-on-failure
1. It should be noted that masks and clock recovery methods have not been fully defined within the FlexRay physical layer test specification for testing multi-node synchronous
FlexRay systems as of Agilent’s release of the N5402A automotive serial data analysis software option.
2. Oscilloscope sample rate and memory depth have been pre-selected to capture a default cycle time of 3 ms. Instructions are included within each mask file on how to easily
modify the acquisition time to match your synchronous FlexRay system cycle time using a standard text editor.
3. Testing for an observation window of 9.5 µs on 10 Mbps FlexRay signals is in compliance with the physical layer conformance test specification, version 2.1, revision A,
paragraph 5.1.4.6. A 9.5 µs observation window translates into 95 bits for slower baud rate FlexRay systems resulting in observation windows/acquisition times of 19 µs for
5.0 Mbps systems and 38 µs for 2.5 Mbps systems.
Mask files


Similar Part No. - N5402A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5400A KEYSIGHT-N5400A Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
N5400A-1NL KEYSIGHT-N5400A-1NL Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
N5400B-1FP KEYSIGHT-N5400B-1FP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
N5400B-1TP KEYSIGHT-N5400B-1TP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
logo
Agilent(Hewlett-Packard...
N5406A HP-N5406A Datasheet
1,009Kb / 9P
   FPGA Dynamic Probe for Xilinx
More results

Similar Description - N5402A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
   Data Analysis Software Packages
N8823A KEYSIGHT-N8823A Datasheet
3Mb / 21P
   Vertical Noise Analysis Software
N8832A KEYSIGHT-N8832A Datasheet
3Mb / 7P
   Data Analysis Software Packages
86100D-201 KEYSIGHT-86100D-201 Datasheet
1Mb / 2P
   Advanced Waveform Analysis Software
N8827A KEYSIGHT-N8827A Datasheet
1Mb / 9P
   PAM-4 Analysis Software
N8823B KEYSIGHT-N8823B Datasheet
3Mb / 21P
   Vertical Noise Analysis Software
86100CU-401 KEYSIGHT-86100CU-401 Datasheet
1Mb / 2P
   Advanced EYE Analysis Software
86100DU KEYSIGHT-86100DU Datasheet
1Mb / 2P
   Advanced EYE Analysis Software
N6171A KEYSIGHT-N6171A Datasheet
1Mb / 18P
   MATLAB Data Analysis Software
logo
TOKYO SEIMITSU CO., LTD
SURFCOMMAP ACCRETECH-SURFCOMMAP Datasheet
479Kb / 2P
   Advanced 3D Roughness Analysis Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com