Part Name
         Description
ST7528

 16 Gray Scale Dot Matrix LCD Controller/Driver ( 97 Page)


SITRONIX
100% 
Zoom Out Zoom In
 18 page
background image
ST7528
Ver2.3
18/97
2007/1/3
MICROPROCESSOR INTERFACE
Microprocessor Interface Pin Description
Name
I/O
Description
RST
I
Reset input pin
When RESETB is “L”, initialization is executed.
PS[2:0]
I
Parallel / Serial data input select input
PS2
PS1
PS0
Interface
mode
Data /
Command
Data
Read/Write
Serial clock
L
L
H
Parallel 80
A0
DB0 to DB7
RD / WR
-
L
H
H
Parallel 68
A0
DB0 to DB7
E / RW
-
L
L
L
3Line Serial
-
SID (DB7)
Write only
SCLK (DB6)
L
H
L
4Line Serial
A0
SID (DB7)
Write only
SCLK (DB6)
H
L
L
IIC Serial
-
SDA
Read/Write
SCL
*NOTE: In 4-Line, 3-Line and IIC serial mode, it is impossible to read data from the on-chip RAM.
In 3-Line or 4-Line interface:
DB0 to DB5, E_RD and RW_WR must be fixed to “H” or “L”.
In IIC and 3-Line interface:
A0 must be fixed to “H” or “L”
Microprocessor interface select input pin
− PS[2:0]=001: 8080-series parallel MPU interface
− PS[2:0]=011: 68000-series parallel MPU interface
− PS[2:0]=000: 3-Line-SPI MPU interface
− PS[2:0]=010: 4-Line-SPI MPU interface
− PS[2:0]=100: IIC-SPI MPU interface
CSB
I
Chip select input pins
Data/instruction I/O is enabled only when CSB is "L". When chip select is non-active, DB0 to DB7
may be high impedance.
A0
I
Register select input pin
− A0 = "H": DB0 to DB7 are display data
− A0 = "L": DB0 to DB7 are control data
RW_WR
I
Read / Write execution control pin
PS1
MPU type
RW_WR
Description
H
6800-series
RW
Read / Write control input pin
RW = “H” : read
RW = “L” : write
L
8080-series
/WR
Write enable clock input pin
The data on DB0 to DB7 are latched at the rising edge of
the /WR signal.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl