Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16911A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 16911A
Description  Logic Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16911A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  16911A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16911A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
Data Acquisition and Stimulus
Pattern Generation Modules
Vectors Up To 240 Bits Wide
Vectors are defined as a “row” of
labeled data values, with each
data value from one to 32 bits
wide. Each vector is output on
the rising edge of the clock.
Up to five, 48-channel 16720A
modules can be interconnected
within a 16900 Series mainframe.
This configuration supports
vectors of any width up to 240 bits
with excellent channel-to-channel
skew characteristics (see specific
data pod characteristics in Pattern
Generation Modules Specifications
starting on page 23). The modules
operate as one time-base with
one master clock pod. Multiple
modules also can be configured
to operate independently with
individual clocks controlling
each module.
Depth Up to 16 MVectors
With the 16720A pattern
generator, you can load and run
up to 16 MVectors of stimulus.
Depth on this scale is most useful
when coupled with powerful
stimulus generated by electronic
design automation tools, such as
SynaptiCAD’s WaveFormer and
VeriLogger. These tools create
stimulus using a combination of
graphically drawn signals, timing
parameters that constrain edges,
clock signals, and temporal and
Boolean equations for describing
complex signal behavior. The
stimulus also can be created from
design simulation waveforms. The
SynaptiCAD tools allow you to
convert .VCD files into .PGB files
directly, offering you an integrated
solution that saves you time.
Synchronized Clock Output
You can output data synchronized
to either an internal or external
clock. The external clock is input
via a clock pod, and has no
minimum frequency (other than
a 2 ns minimum high time).
The internal clock is selectable
between 1 MHz and 300 MHz in
1 MHz steps. A Clock Out signal is
available from the clock pod and
can be used as an edge strobe
with a variable delay of up to
8 ns.
Initialize (INIT) Block for
Repetitive Runs
When running repetitively, the
vectors in the initialize (init)
sequence are output only once,
while the main sequence is
output as a continually repeating
sequence. This “init” sequence is
very useful when the circuit or
subsystem needs to be initialized.
The repetitive run capability is
especially helpful when operating
the stimulus module independent
of the other modules in the logic
analysis system.
“Send Arm out to…” Coordinates
System Module Activity
A “Send Arm out to…” instruction
acts as a trigger arming event for
other logic analysis modules to
begin measurements. Arm setup
and trigger setup of the other
logic analysis modules determine
the action initiated by “Send Arm
out to…”.
“Wait for External Event” for
Input Pattern
The clock pod also accepts a 3-bit
input pattern. These inputs are
level-sensed so that any number
of “Wait for External Event”
instructions can be inserted into
a stimulus program. Up to four
pattern conditions can be defined
from the OR-ing of the eight
possible 3-bit input patterns. A
“Wait for External Event” also can
be defined to wait for an Arm.
This Arm signal can come from
any other module in the logic
analysis system.
Figure 2. Define your unique stimulus vectors, including an
initialization sequence, in the Sequence tab.


Similar Part No. - 16911A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1691 ETC2-1691 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1691 HEYCO-1691 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1691 HEYCO-1691 Datasheet
112Kb / 1P
   Shorty Plugs
logo
ERNI Electronics
169127 ERNI-169127 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
169128 ERNI-169128 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 16911A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
   Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com