Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16910A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 16910A
Description  Logic Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

16910A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  16910A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 16910A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
Data Acquisition and Stimulus
Timing/State Modules
Agilent logic analyzer modules
offer the speed, features, and
usability your digital development
team needs to quickly debug,
validate, and optimize your
digital system – at a price that
fits your budget.
Accurately measure precise
timing relationships
Make accurate high-speed timing
measurements with 4 GHz
(250 ps) high-speed timing zoom.
A parallel acquisition architecture
provides high-speed timing
measurements simultaneously
through the same probe
with other state or timing
measurements. Timing zoom
stays active all the time with no
tradeoffs. View data at high
resolution over longer periods of
time with 64 K deep timing zoom.
Automate measurement setup and
quickly gain diagnostic clues
Quickly get up and running by
automating your measurement
setup process. In addition, the
logic analyzer’s setup/hold
window (or sampling position)
and threshold voltage settings are
automatically determined so that
data on high-speed buses is
Figure 1. Identify problem signals quickly by viewing eye
diagrams across all buses and signals simultaneously.
captured with the highest
accuracy. Auto Threshold and
Sample Position mode allows
you to...
• Obtain accurate and
reliable measurements
• Save time during
measurement setup
• Gain diagnostic clues
and identify problem
signals quickly
• Scan all signals and buses
simultaneously or just a few
• View results as a composite
display or as individual signals
• See skew between signals
and buses
• Find and fix inappropriate
clock thresholds
• Measure data valid windows
• Identify signal integrity
problems related to rise
times, fall times, data valid
window widths
Identify problem signals over
hundreds of channels simultaneously
As timing and voltage margins
continue to shrink, confidence
in signal integrity becomes an
increasingly vital requirement
in the design validation process.
Eye scan lets you acquire signal
integrity information on all the
buses in your design, under a
wide variety of operating
conditions, in a matter of
minutes. Identify problem signals
quickly for further investigation
with an oscilloscope. Results can
be viewed for each individual
signal or as a composite of
multiple signals or buses.


Similar Part No. - 16910A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1691 ETC2-1691 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Heyco.
1691 HEYCO-1691 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1691 HEYCO-1691 Datasheet
112Kb / 1P
   Shorty Plugs
logo
ERNI Electronics
169127 ERNI-169127 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
169128 ERNI-169128 Datasheet
42Kb / 1P
   MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 16910A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
   Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com