Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86100C Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 86100C
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

86100C Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  86100C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Agilent 86100C
Wide-Bandwidth Oscilloscope
Mainframe and Modules
Technical Specifications
DCA-J
• Accurate compliance
testing of optical transceivers
• Automated jitter and amplitude
interference decomposition
• Internally generated pattern trigger
• Modular platform for testing waveforms to
40 Gb/s and beyond
• Broadest coverage of data rates with optical reference
receivers, electrical channels, and clock recovery
• Built-in S-parameters with TDR measurements
• Compatible with Agilent 86100A/B-series,
83480A-series,and 54750-series modules
• < 90 fs intrinsic jitter
• Open operating system – Windows® XP Pro
Four instruments in one
A digital communications analyzer,
a full featured wide-bandwidth
oscilloscope, a time-domain
reflectometer, and a jitter analyzer


Similar Part No. - 86100C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86100CU-401 KEYSIGHT-86100CU-401 Datasheet
1Mb / 2P
   Advanced EYE Analysis Software
More results

Similar Description - 86100C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1045A KEYSIGHT-N1045A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86118A KEYSIGHT-86118A Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D KEYSIGHT-86100D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
DCA-X86100D KEYSIGHT-DCA-X86100D Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86108B KEYSIGHT-86108B Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105C KEYSIGHT-86105C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86105D KEYSIGHT-86105D Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86116C KEYSIGHT-86116C Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com