Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667B4127A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25667B4127A375
Description  Power Factor Correction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667B4127A375 Datasheet(HTML) 2 Page - EPCOS

  B25667B4127A375 Datasheet HTML 1Page - EPCOS B25667B4127A375 Datasheet HTML 2Page - EPCOS B25667B4127A375 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Capacitors
B25667B4127A375
Power Factor Correction
MKK440-D-7.5-01
Edition 1.
Label design
Maximum ratings
Umax (up to 8 h daily) 480 VAC
Umax (up to 1 min)
570 VAC
Imax
1.3 x IR (A)
IS
200 x IR (A)
Test data
UTT
950 VAC / 50 Hz during 10 s
UTC
3,000 VAC / 50 Hz during 10 s
tanδ (50 Hz)
≤ 0.5 W / kvar
Climatic category / -40/D
Tmin
(-)
40 ºC
Tmax
(+)
55 ºC
Humidity
av. rel. < 95%
Maximum altitude
4,000 m
Mean life expectancy
tLD
Up to 115,000 hours
Max. 5000 switchings per year acc. to IEC 60831
Design data
Dimensions (
∅ x l)
121.6 x 164 mm
Weight approx
1.2 kg
Impregnation
Dry, inert gas
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position
possible. See
“Maintenance and
Installation Manual” for
further details.
FK PFC RD / VA
10.03.05
Page 2 of 3


Similar Part No. - B25667B4127A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4127A375 EPCOS-B25667B4127A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667B4127A375 EPCOS-B25667B4127A375 Datasheet
140Kb / 9P
   PhaseCap Premium capacitors
More results

Similar Description - B25667B4127A375

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
logo
EPCOS
B25667B3397A375 EPCOS-B25667B3397A375_05 Datasheet
110Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com