Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA1086 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # GA1086
Description  11-Output Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

GA1086 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button GA1086 Datasheet HTML 4Page - TriQuint Semiconductor GA1086 Datasheet HTML 5Page - TriQuint Semiconductor GA1086 Datasheet HTML 6Page - TriQuint Semiconductor GA1086 Datasheet HTML 7Page - TriQuint Semiconductor GA1086 Datasheet HTML 8Page - TriQuint Semiconductor GA1086 Datasheet HTML 9Page - TriQuint Semiconductor GA1086 Datasheet HTML 10Page - TriQuint Semiconductor GA1086 Datasheet HTML 11Page - TriQuint Semiconductor GA1086 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
GA1086
11
For additional information and latest specifications, see our website: www.triquint.com
28-Pin MQuad J-Leaded Package Mechanical Specification
PIN 1
.050 TYP.
NON-ACCUM.
.445 ±.005
.490 ±.005
.445
±.005
.490
±.005
.045
X 45°°
.132 ±.005
.050 TYP.
.410
±.015
.018
.104
±.005
.172 ±.005
8
15
22
.445
±.005
.040 MIN
.015
X 45°°
0.125
VENT PLUG
.028
.060
Pin #
Pin Name
Description
I/O
1
GND
Ground
2
Q8
Output Clock 8
O
3
Q9
Output Clock 9
O
4
VDD
+5 V
5
GND
Ground
6
N/C
No Connect
7
N/C
No Connect
8
S0
Select 0
I
9
CLK
Reference Clock
I
10
S1
Select 1
I
11
FBIN
Feedback In
I
12
S2
Select 2
I
13
VDD
+5 V
14
Q/2
Half-Clock Out
O
28-Pin MQuad Pin Description
Pin #
Pin Name
Description
I/O
15
GND
Ground
16
FBOUT
Feedback Clock
O
17
Q1
Output Clock 1
O
18
VDD
+5 V
19
GND
Ground
20
Q2
Output Clock 2
O
21
Q3
Output Clock 3
O
22
VDD
+5 V
23
Q4
Output Clock 4
O
24
Q5
Output Clock 5
O
25
GND
Ground
26
VDD
+5 V
27
Q6
Output Clock 6
O
28
Q7
Output Clock 7
O
(All dimensions are in inches)


Similar Part No. - GA1086

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
More results

Similar Description - GA1086

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
   11-Output Configurable Clock Buffer
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
   11-Output Configurable Clock Buffer
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com