Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA1086 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # GA1086
Description  11-Output Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

GA1086 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  GA1086 Datasheet HTML 1Page - TriQuint Semiconductor GA1086 Datasheet HTML 2Page - TriQuint Semiconductor GA1086 Datasheet HTML 3Page - TriQuint Semiconductor GA1086 Datasheet HTML 4Page - TriQuint Semiconductor GA1086 Datasheet HTML 5Page - TriQuint Semiconductor GA1086 Datasheet HTML 6Page - TriQuint Semiconductor GA1086 Datasheet HTML 7Page - TriQuint Semiconductor GA1086 Datasheet HTML 8Page - TriQuint Semiconductor GA1086 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GA1086
For additional information and latest specifications, see our website: www.triquint.com
4
Multi-Processor Systems
The GA1086 can be effectively used to distribute clocks
in RISC- or CISC-processor-based systems. Its 10
outputs support both single- and multi-processor
systems. Following are three representative
configurations which show how the 10 outputs can be
used to synchronize the operation of CPU cache and
memory banks operating at different speeds.
CPU 1
CACHE
MEMORY
CONTROL
LOGIC
(66 MHZ)
SLOW
MEMORY
CONTROL
LOGIC
(33 MHZ)
CPU 2
CACHE
SYSTEM
CLOCK
GA1086
R
R
R
R
R
FBOUT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q/2
R
R
R
R
R
R
FBIN
CLK
S2
S1
S0
LOW
HIGH
HIGH
Figure 4. Clocking a Dual-CPU System
Figure 4 depicts a 2-CPU system in which the
processors and associated peripherals are operating at
66 MHz. Each of the nine outputs operating at 66 MHz
are fully utilized to drive the appropriate CPU, cache,
and memory control logic. The 33 MHz output is used
to synchronize the operation of the slower memory
bank to the rest of the system.


Similar Part No. - GA1086

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
More results

Similar Description - GA1086

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GA1088 TRIQUINT-GA1088 Datasheet
207Kb / 10P
   11-Output Configurable Clock Buffer
GA1085 TRIQUINT-GA1085 Datasheet
204Kb / 10P
   11-Output Configurable Clock Buffer
GA1087 TRIQUINT-GA1087 Datasheet
196Kb / 10P
   11-Output Configurable Clock Buffer
TQ1089 TRIQUINT-TQ1089 Datasheet
193Kb / 10P
   11-Output Configurable Clock Buffer
TQ1090 TRIQUINT-TQ1090 Datasheet
247Kb / 10P
   11-Output Configurable Clock Buffer
logo
Texas Instruments
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com