Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1208 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST1208
Description  3-Channel White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST1208 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST1208 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 12Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ST1208
V1.1
10/12
2004/10/27
! Package Information
TSSOP-16L
NOTE:
1.
CONTROLLING DIMENSION : mm
2.
LEAD FRAME MATERIAL : OLIN C7025/EFTEC 64T
3.
DIMENSION “D” DOES NOT INCLUDE MOLD FLASH, TIE
BAR BURRS AND GATE BURRS. MOLD FLASH, TIE BAR
BURRS AND GATE BURRS SHALL NOT EXCEED 0.006”
[0.15mm] PER END DIMENSION “E1” DOES NOT INCLUDE
INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT
EXCEED 0.010” [0.25mm] PER SIDE.
4.
DIMENSION “b” DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL
BE 0.003” [0.08mm] TOTAL IN EXCESS OF THE “b”
DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR
CANNOT BE LOCATED ON THE LOWER RADIUS OR THE
FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND AN
ADJACENT LEAD TO BE 0.0028 “ [0.07mm]
5.
TOLERANCE: +/- 0.010” [0.25mm] UNLESS OTHERWISE
SPECIFIED.
6.
OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPEC.
7.
REFERENCE DOCUMENT : JEDEC SPEC MO-153
DIMENSIONS IN
MILLIMETERS
DIMENSIONS IN
INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
1.05
1.10
1.20
0.041
0.043
0.047
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
-
1.00
1.05
-
0.039
0.041
b
0.20
0.25
0.28
0.008
0.010
0.011
C
-
0.127
-
-
0.005
-
D
4.90
5.075
5.10
0.193
0.1998
0.200
( *1 )
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.170
0.173
0.177
e
-
0.65
-
-
0.026
-
L
0.50
0.60
0.70
0.020
0.024
0.028
y
-
-
0.076
-
-
0.003
th
0
˚
4
˚
8
˚
0
˚
4
˚
8
˚


Similar Part No. - ST1208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
logo
Vishay Siliconix
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST1208

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3128 SGMICRO-SGM3128 Datasheet
288Kb / 10P
   3-Channel LowDropout Low Side White LED Driver
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
[Old version datasheet]   4-CHANNEL WHITE LED DRIVER
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Skyworks Solutions Inc.
AAT2400 SKYWORKS-AAT2400 Datasheet
2Mb / 32P
   Sixteen-Channel White LED Driver Solution
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com