Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1044 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S1044
Description  FIBRE CHANNEL DUAL TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S1044 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S1044_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIBRE CHANNEL DUAL TRANSFORMER
P/N:S1044 DATA SHEET
Page : 1/1
)
Feature
!
Designed for fast rise time and low baseline wander.
!
Pick & place compatible.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
OCL
(mH Min)
DCR
(Ω Max)
Part
Number
16-14:1-3
6-8:11-9
16-14&6-8
16-14&6-8
11-9
1-3
CW/W
(pF Max)
HI-POT
(Vrms)
S1044
1CT:2CT
1CT:1.36CT
1.2
1
1.15
1.65
15
3000
Schematic
Mechanical
Bothhandusa.com
S1044


Similar Part No. - S1044_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1044 BOTHHAND-S1044 Datasheet
56Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results

Similar Description - S1044_1

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Bothhand USA, LP.
S5508M BOTHHAND-S5508M Datasheet
72Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
S1044 BOTHHAND-S1044 Datasheet
56Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
logo
XFMRS Inc.
XF05571BF XFMRS-XF05571BF Datasheet
74Kb / 1P
   FIBRE CHANNEL TRANSFORMER
XF0757-00SM XFMRS-XF0757-00SM Datasheet
73Kb / 1P
   Fibre Channel Single Transformer
XF01561BF XFMRS-XF01561BF Datasheet
55Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMERS
2039 XFMRS-2039 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com