Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JO42-3V3 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # JO42-3V3
Description  Low Power/Low Frequency Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

JO42-3V3 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  JO42-3V3 Datasheet HTML 1Page - Jauch Quartz Gmbh JO42-3V3 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
Internet: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
JO42 · Low Power / Low Frequency Oscillator
4.0±0.1
ø 1.50 ±0.1
2.0
0.3±0.05
1.3±0.1
2.8
Direction of feed
±0.05
±0.1
Taping Specification
500 pcs per reel
in mm
2.0
ø21
120°
13.5
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
in mm
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note


Similar Part No. - JO42-3V3

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results

Similar Description - JO42-3V3

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
EUROQUARTZ limited
LSMA050UMA EUROQUARTZ-LSMA050UMA Datasheet
256Kb / 1P
   Low Power - Low Frequency SMD Oscillator
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
   Low Frequency - Low power SMD Oscillator
LSMA050UMTA EUROQUARTZ-LSMA050UMTA Datasheet
259Kb / 1P
   Low Power - Low Frequency SMD Oscillator
logo
SiTime Corp.
SIT8009B SITIME-SIT8009B Datasheet
1Mb / 17P
   High Frequency, Low Power Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com