Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU1T041F-43 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # LU1T041F-43
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU1T041F-43 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LU1T041F-43 Datasheet HTML 1Page - Bothhand USA, LP. LU1T041F-43 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE- TX MAGNETICS AND LEDS
P/N: LU1T041F-43
Page : 2/2
Mechanical
1. Plastic Material
:
Thermoplastic (UL 94V-0), Black Housing
2. Metal Shield
:
Brass, 20u" inches thick Nickel
3. Spring Wire
:
Phosphor bronze with selective gold plating
4. Solder Pin
:
0.4x0.4mm, Phosphor bronze with solder Plated
5. Durability
:
750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
Bothhandusa.com
LU1T041F-43


Similar Part No. - LU1T041F-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1T041F-43LF BOTHHAND-LU1T041F-43LF Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results

Similar Description - LU1T041F-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S041F-43-LF BOTHHAND-LU1S041F-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041-43-LF BOTHHAND-LU1T041-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516-43-LF BOTHHAND-LU1T516-43-LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S522-XX BOTHHAND-LU1S522-XX Datasheet
270Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041C-XX BOTHHAND-LU1T041C-XX Datasheet
262Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041X-34LF BOTHHAND-LU1T041X-34LF Datasheet
105Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516E1-43 BOTHHAND-LU1T516E1-43 Datasheet
109Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S516E1-43 BOTHHAND-LU1S516E1-43 Datasheet
108Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041F-43LF BOTHHAND-LU1T041F-43LF Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516E-XX BOTHHAND-LU1T516E-XX Datasheet
118Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU4S516-XXLF BOTHHAND-LU4S516-XXLF Datasheet
98Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com