Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O28.0-JAG53P2-12-30 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O28.0-JAG53P2-12-30
Description  2 Pad Version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O28.0-JAG53P2-12-30 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O28.0-JAG53P2-12-30 Datasheet HTML 1Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
General Data
JAG53P4 · AEC-Q200
4 Pad Version
· 5.0 x 3.2 mm
actual size
5.0±0.15
2.4±0.1
#1
#2
#3
#4
#4
#3
#1
#2
1.6±0.1
3.8±0.1
#2
#1
#3
#4
top view
side view
bottom view
crystal connection
pad layout
± 30 ppm
± 50 ppm
± 100 ppm
OO
O
O
O
O
-20 °C ~ +70 °C
-40 °C ~ +85 °C
-40 °C ~ +105 °C
-40 °C ~ +125 °C
standard
O available
AEC-Q200 qualified
recommended for automotive applications
reflow soldering temperature: 260 °C max.
ceramic package
JAG53P4
8.0 ~ 50.0 MHz
(fund. AT-cut)
45.0 ~ 60.0 MHz
(3rd OT AT-cut)
± 30 ppm
12 pF standard
(option: 10 pF ~ 32 pF / series)
< 7 pF max.
-40 °C ~ +125 °C
> 100 g
(half sine pulse, 6.0 ms)
100 µW
(10 µW recommended)
< ± 3 ppm first year
type
frequency range
frequency stability at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
shock resistance
drive level max.
aging
Frequency Stability vs. Temperature
ESR (series resistance Rs)
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
Ω
in
Ω
8.0 ~ 8.999
fund.-AT
300
200
9.0 ~ 9.999
fund.-AT
250
180
10.0 ~ 11.999
fund.-AT
150
100
12.0 ~ 19.999
fund.-AT
100
50
20.0 ~ 50.000
fund.-AT
50
35
45.0 ~ 60.000
3rd OT-AT
90
65
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.co.uk / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
STD.
T1
T2
T3
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
in mm
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year / month
example:
9A = 2009 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
Order Information
Example: Q 28.0-JAG53P4-12-30/30-FU-LF (Suffix LF = RoHS compliant / Pb free pads)
Q
frequency
type
load capacitance
Quartz
8.0 ~ 60.0 MHz
JAG53P4
12 pF standard
10 pF ~ 32 pF
S for series
30 = ± 30 ppm
30 = ± 30 ppm
50 = ± 50 ppm
100 = ± 100 ppm
option
stability at
25 °C
stability vs.
temp. range
080509


Similar Part No. - O28.0-JAG53P2-12-30

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O28.0-JAG32P4-12-30 JAUCH-O28.0-JAG32P4-12-30 Datasheet
157Kb / 1P
   4 Pad Version
O28.0-JAG32P4-12-50 JAUCH-O28.0-JAG32P4-12-50 Datasheet
157Kb / 1P
   4 Pad Version
More results

Similar Description - O28.0-JAG53P2-12-30

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JAG84P2 JAUCH-JAG84P2 Datasheet
142Kb / 1P
   2 Pad Version
logo
Fronter Electronics Co....
SMD1.6X1.0 FRONTER-SMD1.6X1.0 Datasheet
237Kb / 2P
   2 Pad Version 1.6x1.0 mm
SMD3.2X1.5 FRONTER-SMD3.2X1.5 Datasheet
158Kb / 2P
   2 Pad Version 3.2x1.5 mm
SMD2.0X1.2 FRONTER-SMD2.0X1.2 Datasheet
229Kb / 2P
   2 Pad Version 2.0x1.2 mm
SMD5032G FRONTER-SMD5032G Datasheet
224Kb / 2P
   2 Pad Version 5.0x3.2 mm
SMD6035A FRONTER-SMD6035A Datasheet
231Kb / 2P
   2 Pad Version 6.0x3.5 mm
logo
Jauch Quartz Gmbh
JAG75P4 JAUCH-JAG75P4 Datasheet
146Kb / 1P
   4 Pad Version
JAS32P4 JAUCH-JAS32P4 Datasheet
135Kb / 1P
   4 Pad Version
JAG32P4 JAUCH-JAG32P4 Datasheet
157Kb / 1P
   4 Pad Version
JAS53P4 JAUCH-JAS53P4 Datasheet
154Kb / 1P
   4 Pad Version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com