Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JO22-3.0V Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # JO22-3.0V
Description  SMD Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

JO22-3.0V Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  JO22-3.0V Datasheet HTML 1Page - Jauch Quartz Gmbh JO22-3.0V Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JO22 · 3.0 V · Stop Function
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Marking
frequency
type / date code
date code:
A ~ M: Jan.- Dec.
7: 2007
8: 2008
9: 2009
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
• oscillator stops
• output high impedance
4.0
ø 1.55
Feeding
2.25±0.05
4.0
1.15±0.05
Taping Specification
500 pcs per reel
in mm
in mm
2.0
ø 13±0.5
120
°
8.4
standard packing units are 1000 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note


Similar Part No. - JO22-3.0V

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO22-3.3V JAUCH-JO22-3.3V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
More results

Similar Description - JO22-3.0V

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO32-3.0V JAUCH-JO32-3.0V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO21-3.3V JAUCH-JO21-3.3V Datasheet
180Kb / 2P
   SMD Oscillator with Stop Function
JO53-1.8V JAUCH-JO53-1.8V Datasheet
154Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.5V JAUCH-JO32-2.5V Datasheet
157Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
JO53-2.5V JAUCH-JO53-2.5V Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
VX3-3.3V JAUCH-VX3-3.3V Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
JO75-2.5V JAUCH-JO75-2.5V Datasheet
229Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com