Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF506 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # SF506
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

SF506 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  SF506 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd SF506 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF501 THRU SF506
0.01
0.1
1.0
100
10
0.01
0.1
 10
 100
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.4
1.2
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
SET TIME BASE FOR 10 ns/cm
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
TJ=25 C
TJ=100 C
TJ=150 C
1cm
-0.25A
+0.5A
-1.0A
FIG.6-TYPICAL JUNCTION CAPACITANCE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
SF501-SF505
SF506
PULSE
GENERATOR
(NOTE2)
NON INDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NON INDUCTIVE
NON IN-
DUCTIVE
50
25Vdc
(APPROX)
10
1
(-)
(+)
Trr
TA=25 C
Pulse Width=300 s
1% Duty Cycle
50
25
75
175
150
125
100
50
10
100
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
REVERSE VOLTAGE. (V)
0.1 0.2
0.4
10
40
20
100
10
60
40
100
20
200
TJ=25 C
SF501-SF505
SF506
25
50
75
100
125
150
175
4.0
2.0
1.0
3.0
6.0
5.0
AMBIENT TEMPERATURE ( C)
Single Phase Half Wave 60hz
Resistive or Inductive Load
0.375"(9.5mm) Lead Length
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA   TEL:86-531-6943657  FAX:86-531-6947096  
WWW.JIFUSEMICON.COM
8-27


Similar Part No. - SF506

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF506 GOOD-ARK-SF506 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
SF506DS JUXING-SF506DS Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
logo
DONGGUAN YOU FENG WEI E...
SF506DS YFWDIODE-SF506DS Datasheet
473Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Microdiode Electronics ...
SF506ED CHENDA-SF506ED Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
SF506ET CHENDA-SF506ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF506

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com