Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T66 Datasheet(PDF) 4 Page - EPCOS

Part # T66
Description  Ferrites and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T66 Datasheet(HTML) 4 Page - EPCOS

  T66 Datasheet HTML 1Page - EPCOS T66 Datasheet HTML 2Page - EPCOS T66 Datasheet HTML 3Page - EPCOS T66 Datasheet HTML 4Page - EPCOS T66 Datasheet HTML 5Page - EPCOS T66 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
T66
SIFERRIT materials
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
FAL0762-7
H
0
B
A/m
mT
T66
50
100
150
200
250
300
350
400
200
_
0
200
400
600
800
1200
DC magnetic bias
(measured on RM cores, typical values)
(B
≤0.25 mT, f = 10 kHz, T = 25 °C)
FAL0763-F
H
µrev
DC
T66
10 0
5
10 1
5
10 2
5
10 3
10 2
510 3
10 4
A/m
= 250
e
µ
200
100


Similar Part No. - T66

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T660N INFINEON-T660N Datasheet
281Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1
logo
List of Unclassifed Man...
T6613 ETC2-T6613 Datasheet
113Kb / 4P
   Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Amphenol Corporation
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
   An affordable gas sensing solution for OEMs
T6613-5K AMPHENOL-T6613-5K Datasheet
85Kb / 4P
   An affordable gas sensing solution for OEMs
T6613-5KC AMPHENOL-T6613-5KC Datasheet
85Kb / 4P
   An affordable gas sensing solution for OEMs
More results

Similar Description - T66

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com