Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72500H0140S270 Datasheet(PDF) 6 Page - EPCOS

Part # B72500H0140S270
Description  Ceramic transient voltage suppressors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72500H0140S270 Datasheet(HTML) 6 Page - EPCOS

Back Button B72500H0140S270 Datasheet HTML 2Page - EPCOS B72500H0140S270 Datasheet HTML 3Page - EPCOS B72500H0140S270 Datasheet HTML 4Page - EPCOS B72500H0140S270 Datasheet HTML 5Page - EPCOS B72500H0140S270 Datasheet HTML 6Page - EPCOS B72500H0140S270 Datasheet HTML 7Page - EPCOS B72500H0140S270 Datasheet HTML 8Page - EPCOS B72500H0140S270 Datasheet HTML 9Page - EPCOS B72500H0140S270 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
1) Measured @ 1 MHz, 1 V
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz)
pF
Cmin
(1 kHz)
pF
Cmax
(1 kHz)
pF
AUTO range, CN types
CN1812S14BAUTOE2G2
22
+23/ 0 24.5
40
5
7000
-
-
CN1812S14BAUTOG
22
+23/ 0 24.5
40
5
5600
-
-
CN2220S14BAUTOE2G2
22
+23/ 0 24.5
40
10
15000
-
-
CN2220S14BAUTOG
22
+23/ 0 24.5
40
10
9500
-
-
CN2220K30AUTOE2G2
47
±10
45
77
10
10000
-
-
CN2220K30AUTOG
47
±10
45
77
10
4000
-
-
AUTO range, CT types
CT0603S14BAUTOG
22
+23/ 0 24.5
42
1
120
-
-
CT0805S14BAUTOG
22
+23/ 0 24.5
42
1
400
-
-
CT1206S14BAUTOG
22
+23/ 0 24.5
40
1
800
-
-
CT1210S14BAUTOG
22
+23/ 0 24.5
40
2.5
1700
-
-
CT1210K17AUTOG
27
±10
26.5
44
2.5
1800
-
-
CT1206K20AUTOG
33
±10
27
54
1
600
-
-
CT1210K20AUTOG
33
±10
27
54
2.5
1500
-
-
CT0805K25AUTOG
39
±10
29
67
1
250
-
-
CT1206K25AUTOG
39
±10
29
65
1
550
-
-
CT1210K25AUTOG
39
±10
29
65
2.5
1200
-
-
High temperature (HT) range
CN0603S14BHTG2
22
+23/ 0 -
42
1
120
-
-
CN0603S17BHTG
25
+60/ 0 -
50
1
-
321)
741)
CN1210K17AUTOHTG
27
±10
26.5
44
2.5
1800
-
-
CN0603K25HTG5
39
±10
-
67
1
901)
-
-
Special capacitance range, CT types
CT0603S14AHSG
23
+44/ 0 -
66
1
151)
-
301)
CT0603K17CCG
27
±10
-
46
1
-
128
192
CT0603K17LCG
27
±10
-
50
1
-
-
501)
CT0603S17ALCG
25
+60/ 0 -
50
1
-
-
751)
CT0603S17BCCG
25
+60/ 0 -
50
1
-
31.81)
74.21)
CT0805K17AUTOLCG
25
+32/ 0 -
50
1
-
-
1001)
CT0805K17LCG
25
+32/ 0 -
50
1
-
-
1001)
CT0603S20ACCG
30
+40/ 0 -
67
1
-
641)
961)
CT0805S20ACC2G2
29.7
+34/ 0 -
64
1
-
170
270
CT0603L25HSG
51.9
+35/ 0 -
120
1
101)
-
151)
CT0805K25CCG
39
±10
-
67
1
-
162.5
337.5
Multilayer varistors (MLVs)
Automotive series
Page 6 of 67
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72500H0140S270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500H0140S270 EPCOS-B72500H0140S270 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72500H0140S270 EPCOS-B72500H0140S270 Datasheet
1Mb / 71P
   Ceramic transient voltage suppressors
More results

Similar Description - B72500H0140S270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com