Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72500H0140S270 Datasheet(PDF) 2 Page - EPCOS

Part # B72500H0140S270
Description  Ceramic transient voltage suppressors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72500H0140S270 Datasheet(HTML) 2 Page - EPCOS

  B72500H0140S270 Datasheet HTML 1Page - EPCOS B72500H0140S270 Datasheet HTML 2Page - EPCOS B72500H0140S270 Datasheet HTML 3Page - EPCOS B72500H0140S270 Datasheet HTML 4Page - EPCOS B72500H0140S270 Datasheet HTML 5Page - EPCOS B72500H0140S270 Datasheet HTML 6Page - EPCOS B72500H0140S270 Datasheet HTML 7Page - EPCOS B72500H0140S270 Datasheet HTML 8Page - EPCOS B72500H0140S270 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
EPCOS type designation system for automotive series
CN
2220
S
14
B
AUTO
E2
G2
Construction:
CT
Single chip with
nickel barrier termination
(AgNiSn)
CN
Single chip with
silver-palladium
termination (AgPd)
EAI case sizes:
0603
0805
1206
1210
1812
2220
Varistor voltage tolerance:
K
±10%, standard
S
Special tolerance
Maximum RMS operating voltage (VRMS):
14
14 V
VRMS < 25 V are suitable for 12 V DC supply systems
VRMS
≥ 25 V are suitable for 24 V DC supply systems
Special tolerance for the varistor voltage:
Standard tolerance
B
Special tolerance
Automotive series
Special features:
Standard energy handling capability
E2
Increased energy handling capability
HT
High temperature version
LC
Low capacitance version
CC
Controlled capacitance version
Taping mode:
G
Taped, 180-mm reel, 7''
G2
Taped, 330-mm reel, 13''
Multilayer varistors (MLVs)
Automotive series
Page 2 of 67
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72500H0140S270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500H0140S270 EPCOS-B72500H0140S270 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72500H0140S270 EPCOS-B72500H0140S270 Datasheet
1Mb / 71P
   Ceramic transient voltage suppressors
More results

Similar Description - B72500H0140S270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com