Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O30.0-VX3E-T1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O30.0-VX3E-T1
Description  SMD Oscillator with Tristate Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O30.0-VX3E-T1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O30.0-VX3E-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O30.0-VX3E-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Order Information
Example: O 20.0-VX3X
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
type
option
Oscillator
0.5 ~ 107.0 MHz
VX3E-VX3XP
see table 1
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Preferred Type
VX3E-T1: ± 100 ppm / 15 pF / -40 °C ~ +85 °C
VX3E:
± 100 ppm / 15 pF
Oscillator · VX3 · 5.0 V
actual size
SMD Oscillator with Tristate Function
· 7.0 x 5.0 mm
preferred type for extended temperature range
reflow soldering temperature: 260 °C max.
full ceramic package
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
7.0±0.2
5.08±0.1
1.4±0.1
# 4
# 3
# 1
# 2
5.08±0.1
1.8±0.1
# 3
# 4
# 2
# 1
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC
Table 3: Rise & Fall Time max.
8.0 ns: 0.5 ~
1.79 MHz
6.0 ns: 1.8 ~ 34.99 MHz
5.0 ns: 35.0 ~ 107.00 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
Table 2: Current Consumption max.
0.5 ~ 29.9 MHz
10 mA
30.0 ~ 34.9 MHz
15 mA
35.0 ~ 65.9 MHz
30 mA
66.0 ~ 79.9 MHz
50 mA
80.0 ~ 107.0 MHz
60 mA
0.5 ~ 19.9 MHz
20 mA
20.0 ~ 49.9 MHz
35 mA
50.0 ~ 80.0 MHz
60 mA
Current at 15pF load
Current at 50pF load
Table 1: Type
stability
± 100 ppm
± 50 ppm
± 30 ppm
± 25 ppm
± 20 ppm
type VX3
E
X
F
Y
FS
YS
EQ
XQ
EP
XP
output load
15 pF 50 pF 15 pF 50 pF
15 pF
50 pF
15 pF
50 pF
15 pF
50 pF
-10 °C ~ +70 °C
OO O
O
O
O
O
ΔΔ
-40 °C ~ +85 °C
OO O
O
O
O
O
standard O available Δ excludes aging
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
phase jitter 12 kHz ~ 20.0 MHz
symmetry at 0.5 x VDC
VX3 5.0 V
0.50 ~ 107.0 MHz (15pF max.)
0.50 ~ 80.0 MHz (50pF max.)
± 20ppm ~ ± 100ppm (table 1)
see table 2
5.0 V ± 10%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF / 50pF
16mA
0.1 x VDC
0.9 x VDC
100ns
100ns
10ms
tristate
< 1.0ps RMS
45% ~ 55% typ. (40% ~ 60% max.)


Similar Part No. - O30.0-VX3E-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O30.0-JAS53P4-12-30 JAUCH-O30.0-JAS53P4-12-30 Datasheet
154Kb / 1P
   4 Pad Version
O30.0-JAS53P4-12-50 JAUCH-O30.0-JAS53P4-12-50 Datasheet
154Kb / 1P
   4 Pad Version
O30.0-JO53-A-1 JAUCH-O30.0-JO53-A-1 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
O30.0-JO53-A-1-T1 JAUCH-O30.0-JO53-A-1-T1 Datasheet
155Kb / 2P
   SMD Oscillator with Stop Function
O30.0-JO53-A-1.8-1 JAUCH-O30.0-JO53-A-1.8-1 Datasheet
154Kb / 2P
   SMD Oscillator with Stop Function
More results

Similar Description - O30.0-VX3E-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO75-5.0V JAUCH-JO75-5.0V Datasheet
228Kb / 2P
   SMD Oscillator with Tristate Function
logo
ILSI America LLC
ISM20 ILSI-ISM20 Datasheet
130Kb / 2P
   Tristate function available
logo
Golledge Electronics Lt...
GXOU101 GOLLEDGE-GXOU101 Datasheet
50Kb / 1P
   5V Tristate Oscillator
GXO-U103 GOLLEDGE-GXO-U103_16 Datasheet
170Kb / 1P
   3.3V Tristate Oscillator
logo
Jauch Quartz Gmbh
JO32-3.3V JAUCH-JO32-3.3V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO53-5.0V JAUCH-JO53-5.0V Datasheet
162Kb / 2P
   SMD Oscillator with Stop Function
VX3-1.8V JAUCH-VX3-1.8V Datasheet
151Kb / 2P
   SMD Oscillator with Stop Function
JO22-3.3V JAUCH-JO22-3.3V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com