Electronic Components Datasheet Search |
|
B84299D1630E003 Datasheet(PDF) 2 Page - EPCOS |
|
B84299D1630E003 Datasheet(HTML) 2 Page - EPCOS |
2 / 21 page 2- and 4-line-filters 16 to 150 A Multi-stage Stopband attenuation 14 kHz to 40 GHz Features General-purpose use through design with separate lines without intercoupling Use of single chokes. Thus the insertion loss values are not reduced under all operating cur- rent conditions and not when operated with artificial mains networks (AMN) or other equipment with high leakage currents. Insertion loss to CISPR 17 Design The electrical components are incorporated in an RF-tight case of stainless steel. The cables enter through glands. The RF-tight termination of the openings is produced by specially shaped lids. The conductors and equipment grounding conductor are connected by threaded bolts. The sur- face around the fixing holes is left as bare metal (unpainted) to ensure good RF contact with met- al surfaces (chassis, ground). Protective measures (grounding) The high capacitances between the lines and ground require special protective measures. If there are no product-specific requirements, protection with a secondary ground wire (cross section min. 10 mm2) in accordance with EN 50178 is necessary. For this purpose the filter case have con- necting bolts at each end. Resistors are incorporated in the filter to discharge capacitors after turn-off. Scope of supply Filters are supplied complete with all parts required for RF-tight installation (fixing screws, flanges, RF gaskets, cable glands) and installation instructions. Installation No welding is needed on the shielding wall, so any subsequent installation is quite simple. Accessories and special versions RF-tight flexible connector fittings are available for installation spaced away from the shielding wall. Filters with an EMP protection add-on for surge currents up to 100 kA per line are available on request. To match requirements, filters can be supplied with different kinds of EMC or shield- ing cable glands. Tests All filters are 100% tested and the results are archived under a filter's serial number. If required, a test report can be generated for the serial number. Filters for power lines B84299*B003 16 to 150 A, 100 dB from 14 kHz B84299*E003 2 |
Similar Part No. - B84299D1630E003 |
|
Similar Description - B84299D1630E003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |