Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84299C2320B001 Datasheet(PDF) 4 Page - EPCOS

Part # B84299C2320B001
Description  Filters for Power Lines
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299C2320B001 Datasheet(HTML) 4 Page - EPCOS

  B84299C2320B001 Datasheet HTML 1Page - EPCOS B84299C2320B001 Datasheet HTML 2Page - EPCOS B84299C2320B001 Datasheet HTML 3Page - EPCOS B84299C2320B001 Datasheet HTML 4Page - EPCOS B84299C2320B001 Datasheet HTML 5Page - EPCOS B84299C2320B001 Datasheet HTML 6Page - EPCOS B84299C2320B001 Datasheet HTML 7Page - EPCOS B84299C2320B001 Datasheet HTML 8Page - EPCOS B84299C2320B001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Insertion loss
α
e (typical values at Z = 50
Ω)
Asymmetrical measurement circuit
to MIL-STD-220A
General technical data
Rated voltage
VR
250
V
Line/line
2-line filters
Line/case
Rated voltage
VR
440
V
Line/line
4-line filters
250
V
Line/case
Rated frequency
fR
50/60
Hz
Rated current
IR
See characteristics
Referred to +40
°C ambient
temperature
Maximum admissible
overcurrent
Iover
75
IR for 50 ms
10
IR for 1 s
2
IR for 1 min
1.4
IR for 15 min
Test voltage
Vtest
1200 VDC, 2 s
Line/line
1200 VDC, 2 s
Line/case
Voltage drop/phase
∆V
<1
% Of VR at 50 Hz and IR
Maximum DC resistance
Rmax
See characteristics
Per line
Filters for power lines
B84299*B001
16 to 100 A, 100 dB from 150 kHz
B84299*E001
4


Similar Part No. - B84299C2320B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299C2320B001 EPCOS-B84299C2320B001 Datasheet
834Kb / 18P
   Filters for Power Lines 16 to 100 A, 100 dB from 150 kHz
More results

Similar Description - B84299C2320B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
C09E MURATA-C09E Datasheet
491Kb / 24P
   EMI Suppression Filters for AC Power Lines
logo
EPCOS
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
   Chokes for Power Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com