Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O13.0-JT53L-C-A-2.8 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O13.0-JT53L-C-A-2.8
Description  Temp. Compensated Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O13.0-JT53L-C-A-2.8 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O13.0-JT53L-C-A-2.8 Datasheet HTML 1Page - Jauch Quartz Gmbh O13.0-JT53L-C-A-2.8 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · VX3 · 3.3 Volt
Oscillator · (VC)TCXO · JT53L(V)
actual size
5.0±0.2
1.1±0.1
# 4
# 3
# 1 # 2
# 2
# 1
# 3
# 4
2.6±0.1
1.3±0.1
2.6±0.1
top view
side view
bottom view
pad layout
Dimensions
TCXO
JT53L
# 1: GND
# 2: GND
# 3: output
# 4: VDC
VCTCXO
JT53LV
# 1: Vcontrol
# 2: GND
# 3: output
# 4: VDC
low power VCTCXO or TCXO
temperature range -40 °C ~ +85 °C available
reflow soldering temperature: 260 °C max.
ceramic/metal package
pin connection
in mm
Order Information
O
frequency
in MHz
frequency stability
code
operating temp.
code
supply voltage
Oscillator
6.0 ~ 45.0 MHz
JT53L = TCXO
JT53LV = VCTCXO
A ~ Z
see table 1
A ~ K
see table 1
2.5 = 2.5 V ± 4%
2.8 = 2.8 V
3.0 = 3.0 V ± 5%
3.3 = 3.3 V
5.0 = 5.0 V option
type
Example: O 13.0-JT53L-A-B-3.3
(Suffix LF = RoHS compliant / Pb free pads)
General Data
type
frequency range
frequency
at +25 °C
stability
temperature
aging first year
supply voltage
load change
current consumption max.
supply voltage VDC
temperature operating
storage
output
load nom.
level min.
external tuning range JT53LV
external tuning voltage
start-up time max.
phase noise
at 100Hz
at ƒo
at 1KHz
13 MHz
at 10KHz
JT53L / JT53LV
6.0 ~ 45.0 MHz
± 0.5ppm
± 1ppm ~ ± 5ppm (table 1)
± 1ppm
± 0.2ppm (at VDC ± 5%)
± 0.2ppm
2.5mA max.
2.5 V ( ± 4%) and 2.8 V / 3.0 V / 3.3 V / 5.0 V ( ± 5%)
see table 1
-45 °C ~ +85 °C
10K
Ω // 10pF
0.8Vpp (clipped sine)
± 8ppm min.
1.5 V ± 1.0 V
2.5 ms
-113 dBc/Hz
-135 dBc/Hz
-140 dBc/Hz
Temp. Compensated Crystal Oscillator
· 5.0 x 3.2 mm
150509
frequency stability code
operating
Y
Z
A
B
C
D
temperature code ± 5.0 ppm ± 3.0 ppm ± 2.5 ppm ± 2.0 ppm ± 1.5 ppm ± 1.0 ppm
A: -30 °C ~ +80 °C
OO
O
O
O
O
B: -20 °C ~ +70 °C
OO
O
O
O
O
C: -10 °C ~ +60 °C
OO
O
O
O
O
D: 0 °C ~ +85 °C
OO
O
O
O
O
E:
0 °C ~ +55 °C
OO
O
O
O
O
F: -10 °C ~ +70 °C
OO
O
O
O
O
G: -30 °C ~ +75 °C
OO
O
O
O
O
H: -20 °C ~ +75 °C
OO
O
O
O
O
K: -40 °C ~ +85 °C
OO
O
O
L: -20 °C ~ +85 °C
OO
O
O
O
O
M: -30 °C ~ +85 °C
OO
O
O
standard O available
Table 1: Frequency Stability vs. Temperature
Note
- TCXO JT53L: pin #1 connected to ground
- VCTCXO JT53LV: pin #1 connected to control voltage
- external AC coupling for output recommended


Similar Part No. - O13.0-JT53L-C-A-2.8

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O13.0-JT32-A-A-2.5 JAUCH-O13.0-JT32-A-A-2.5 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-2.8 JAUCH-O13.0-JT32-A-A-2.8 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-3.0 JAUCH-O13.0-JT32-A-A-3.0 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-A-3.3 JAUCH-O13.0-JT32-A-A-3.3 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
O13.0-JT32-A-B-2.5 JAUCH-O13.0-JT32-A-B-2.5 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
More results

Similar Description - O13.0-JT53L-C-A-2.8

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JT32 JAUCH-JT32 Datasheet
147Kb / 2P
   Temp. Compensated Crystal Oscillator
JT32G JAUCH-JT32G Datasheet
161Kb / 2P
   Temp. Compensated Crystal Oscillator
JT22G JAUCH-JT22G Datasheet
205Kb / 2P
   Temp. Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX09 ABRACON-ASTX09 Datasheet
993Kb / 2P
   COMPENSATED CRYSTAL OSCILLATOR
09.14.11
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-09 ABRACON-ASTX-09 Datasheet
144Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.08.07
logo
Raltron Electronics Cor...
RTX-231 RALTRON-RTX-231 Datasheet
27Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
TX-702 VECTRON-TX-702 Datasheet
187Kb / 6P
   Temperature Compensated Crystal Oscillator
VT-501 VECTRON-VT-501 Datasheet
253Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
List of Unclassifed Man...
CSX-325T ETC2-CSX-325T Datasheet
92Kb / 1P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com