Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O20.0-JO32H-D-3.3-1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O20.0-JO32H-D-3.3-1
Description  High Stability Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JO32H-D-3.3-1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O20.0-JO32H-D-3.3-1 Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JO32H-D-3.3-1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JO32H · 3.3 V
actual size
low cost high stability SMD oscillator
stability meets spec for WiMax and WLAN
RoHS compliant, ceramic/metal package
reflow soldering temperature: 260 °C max.
High Stability Oscillator with Stop Function · 3.2 x 2.5 mm
General Data
type
frequency range
frequency stability over all*
aging 1st year
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
phase jitter 12kHz~20MHz
symmetry at 0.5 x VDC
JO32H 3.3V
4.0 ~ 54.0 MHz (15pF max.)
± 10ppm ~ ± 20ppm (table 1)
+/-2 ppm max.
7 mA max.
3.3 V ± 10%
-20°C ~ +70°C / -40°C ~ +85°C
-40°C ~ +85°C
5 nsec max.
15pF
4 mA
0.1 x VDC
0.9 x VDC
1ms
250ns
2ms
stop
5µA
< 3.0 ps RMS typ.
45% ~ 55% max.
Table 1: Frequency Stability Code
stability code
DE
F
± 20 ppm
± 15 ppm
± 10 ppm
-20 °C ~ +70 °C
O
O
O
-40 °C ~ +85 °C
OOO
O available
* includes stability at 25°C, operating temp. range, supply voltage change, load change, vibration, aging 1st year
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.7 VDC)
active
low ”0” (VIL ≤ 0.3 VDC)
high impedance
stop function: • oscillator stops / • output high impedance
blank = -20°C ~ +70°C
T1 = -40°C ~ +85°C
Order Information
Example: O 20.0-JO32H-F-3.3-1-T1
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
type
frequency stability
code
Oscillator
4.0 ~ 54.0 MHz
JO32H
see table 1
3.3 = 3.3 V
1 = 15 pF
option
supply voltage
code
output load
code
3.2±0.1
#1
#3
#2
#6
#4
#5
±
0.7 0.1
3.0±0.1
1.6±0.1
1.0±0.1
Dimensions
Connection
# 1: e/d
# 2: nc
# 3: ground
# 4: output
# 5: nc
# 6: VDC
in mm
top view
side view
bottom view
pad layout
Table 2: Rise & Fall Time max.
5 ns: 4.0 ~ 54.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
171008


Similar Part No. - O20.0-JO32H-D-3.3-1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JO32H-D-2.5-1 JAUCH-O20.0-JO32H-D-2.5-1 Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
O20.0-JO32H-D-2.5-1-T1 JAUCH-O20.0-JO32H-D-2.5-1-T1 Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results

Similar Description - O20.0-JO32H-D-3.3-1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-5.0V JAUCH-JO75H-5.0V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-3.3V JAUCH-JO75H-3.3V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO53H-3.3V JAUCH-JO53H-3.3V Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com