Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37940R0010J043 Datasheet(PDF) 5 Page - EPCOS

Part # B37940R0010J043
Description  Multilayer ceramic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940R0010J043 Datasheet(HTML) 5 Page - EPCOS

  B37940R0010J043 Datasheet HTML 1Page - EPCOS B37940R0010J043 Datasheet HTML 2Page - EPCOS B37940R0010J043 Datasheet HTML 3Page - EPCOS B37940R0010J043 Datasheet HTML 4Page - EPCOS B37940R0010J043 Datasheet HTML 5Page - EPCOS B37940R0010J043 Datasheet HTML 6Page - EPCOS B37940R0010J043 Datasheet HTML 7Page - EPCOS B37940R0010J043 Datasheet HTML 8Page - EPCOS B37940R0010J043 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Capacitance tolerances
Code letter
J
K (standard)
Tolerance
±5%
±10%
Dimensional drawing
2-fold array (case size 0405)
4-fold array (case sizes 0508 and 0612)
Dimensions (mm)
2-fold array
4-fold array
Case size
(inch)
(mm)
0405
1012
0508
1220
0612
1632
l
1.37
±0.15
2.00
±0.20
3.20
±0.20
w
1.00 +0/ 0.15
1.25
±0.15
1.60
±0.20
th
0.70 max.
0.85
±0.10
0.85
±0.10
k
0.36
±0.10
0.30
±0.10
0.40
±0.15
e
0.64
0.50
±0.10
0.80
±0.15
u
0.20
±0.10
0.20 +0.3/ 0.10
0.20 +0.3/ 0.10
Tolerances to CECC 32101-801
Multilayer ceramic capacitors
C0G
Page 4 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37940R0010J043

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940R0100J021 EPCOS-B37940R0100J021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100J041 EPCOS-B37940R0100J041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100K021 EPCOS-B37940R0100K021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100K041 EPCOS-B37940R0100K041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37940R0100M021 EPCOS-B37940R0100M021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results

Similar Description - B37940R0010J043

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com