Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O40.0-JO53-C-2.5-1-T1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O40.0-JO53-C-2.5-1-T1
Description  SMD Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O40.0-JO53-C-2.5-1-T1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O40.0-JO53-C-2.5-1-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O40.0-JO53-C-2.5-1-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JO53 · 2.5 V
actual size
reflow soldering temperature: 260 °C max.
ceramic/metal package
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Order Information
Example: O 20.0-JO53-B-2.5-1
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
type
frequency stability
code
Oscillator
0.5 ~ 80.0 MHz
JO53
see table 1
2.5 = 2.5 V
1 = 15 pF
2 = 30 pF
option
supply voltage
code
output load
code
Table 3: Rise & Fall Time max.
6 ns:
0.5 ~ 1.79 MHz
5 ns: 1.80 ~ 49.90 MHz
4 ns: 50.0 ~ 80.00 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
Table 2: Current Consumption max.
0.5 ~ 14.9 MHz
6 mA
15.0 ~ 29.9 MHz
8 mA
30.0 ~ 39.9 MHz
10 mA
40.0 ~ 49.9 MHz
13 mA
50.0 ~ 59.9 MHz
16 mA
60.0 ~ 80.0 MHz
20 mA
0.5 ~ 14.9 MHz
8 mA
15.0 ~ 29.9 MHz
10 mA
30.0 ~ 39.9 MHz
13 mA
40.0 ~ 50.0 MHz
15 mA
Current at 15pF load
Current at 30pF load
Table 1: Frequency Stability Code
stability code
AB
G
C
D
± 100 ppm
± 50 ppm
± 30 ppm
± 25 ppm
± 20 ppm
-10 °C ~ +70 °C
OO
Δ
-40 °C ~ +85 °C
OO
O
standard O available Δ excludes aging
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
phase jitter 12 kHz ~ 20.0 MHz
symmetry at 0.5 x VDC
JO53 2.5 V
0.50 ~ 80.0 MHz (15pF max.)
0.50 ~ 50.0 MHz (30pF max.)
± 20 ppm ~ ± 100 ppm (table 1)
see table 2
2.5 V ± 5%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF / 30pF
4mA
0.1 x VDC
0.9 x VDC
10ms
200ns
10ms
stop
5µA
< 1.0ps RMS
45% ~ 55% typ. (40% ~ 60% max.)
5.0±0.2
1.2±0.1
# 1
# 2
# 4 # 3
2.54±0.1
1.6±0.1
2.54±0.1
# 2
# 1
# 3
# 4
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
SMD Oscillator with Stop Function · 5.0 x 3.2 mm


Similar Part No. - O40.0-JO53-C-2.5-1-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O40.0-JO53-C-2.8-1 JAUCH-O40.0-JO53-C-2.8-1 Datasheet
155Kb / 2P
   Oscillator
O40.0-JO53-C-2.8-1-T1 JAUCH-O40.0-JO53-C-2.8-1-T1 Datasheet
155Kb / 2P
   Oscillator
O40.0-JO53-C-2.8-2 JAUCH-O40.0-JO53-C-2.8-2 Datasheet
155Kb / 2P
   Oscillator
O40.0-JO53-C-2.8-2-T1 JAUCH-O40.0-JO53-C-2.8-2-T1 Datasheet
155Kb / 2P
   Oscillator
More results

Similar Description - O40.0-JO53-C-2.5-1-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO22-2.8V JAUCH-JO22-2.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO22-1.8V JAUCH-JO22-1.8V Datasheet
168Kb / 2P
   SMD Oscillator with Stop Function
JO32-3.0V JAUCH-JO32-3.0V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
JO21-3.3V JAUCH-JO21-3.3V Datasheet
180Kb / 2P
   SMD Oscillator with Stop Function
JO53-1.8V JAUCH-JO53-1.8V Datasheet
154Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.5V JAUCH-JO32-2.5V Datasheet
157Kb / 2P
   SMD Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
VX3-3.3V JAUCH-VX3-3.3V Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
JO75-2.5V JAUCH-JO75-2.5V Datasheet
229Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com