Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-733HM Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTV-733HM
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-733HM Datasheet(HTML) 7 Page - Lite-On Technology Corporation

  LTV-733HM Datasheet HTML 1Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 2Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 3Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 4Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 5Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 6Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 7Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 8Page - Lite-On Technology Corporation LTV-733HM Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs.
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
0
-30
75 C
50 C
25 C
Ta= 25 C
Collector-emitter Voltage
Fig.6 Collector Current vs.
Current
Fig.5 Current Transfer Ratio vs. Forward
Ic= 1mA
5mA
7mA
Fig.3 Collector-emitter saturation
Voltage vs. Forward current
Forward current (mA)
Collector-emitter voltage (V)
Forward voltage (V)
Forward current (mA)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
0
20406080
100
100
200
-30
0
40
020
60
80
100
50
100
150
160
200
0
1
1.0
1.5
2.0
0
0
2468
10
20
40
60
80
0.1
0
110
100
0
0
10
o
o
o
o
Ambient Temperature
o
o
Voltage
IF=100mA
50mA
20mA
10mA
25
50
75
100
125
150
150
50
3mA
2mA
10mA
20mA
30mA
40mA
10 20 30 40 50 60 70 80 90 100
10
100
8
6
4
2
PC (MAX.)
RBE=
VCE=2V
Part No. : LTV-733H ( M, S, -TA1 )
Page :
7of 9
BNS-OD-C131/A4


Similar Part No. - LTV-733HM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-733HM TENAND-LTV-733HM Datasheet
268Kb / 9P
   Property of Lite-On Only
More results

Similar Description - LTV-733HM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com