Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O1.8-JO75H-D-3.3-1-T1 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # O1.8-JO75H-D-3.3-1-T1
Description  Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O1.8-JO75H-D-3.3-1-T1 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O1.8-JO75H-D-3.3-1-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O1.8-JO75H-D-3.3-1-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JO75H · 3.3 V · High Stability
8.0±0.2
ø 1.5±0.1
4.0
2.0
0.3±0.05
1.9±0.1
5.5 max.
Direction of feed
Taping Specification
500 pcs per reel
2.0
ø21
120
°
17.5
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.8 VDC)
active
low ”0” (VIL ≤ 0.2 VDC)
high impedance
stop function:
• oscillator stops
• output high impedance
in mm
Marking
frequency type / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M


Similar Part No. - O1.8-JO75H-D-3.3-1-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O1.8-JO75H-D-5.0-1 JAUCH-O1.8-JO75H-D-5.0-1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O1.8-JO75H-D-5.0-1-T1 JAUCH-O1.8-JO75H-D-5.0-1-T1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O1.8-JO75H-D-5.0-2 JAUCH-O1.8-JO75H-D-5.0-2 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O1.8-JO75H-D-5.0-2-T1 JAUCH-O1.8-JO75H-D-5.0-2-T1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
More results

Similar Description - O1.8-JO75H-D-3.3-1-T1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com