Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O20.0-JO75H-F-3.3-1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O20.0-JO75H-F-3.3-1
Description  Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JO75H-F-3.3-1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O20.0-JO75H-F-3.3-1 Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JO75H-F-3.3-1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JO75H · 3.3 V
actual size
tight tolerance down to ±10 ppm
reflow soldering temperature: 260 °C max.
ceramic/metal package
Table 1: Frequency Stability Code
stability code
DE
F
± 20 ppm
± 15 ppm
± 10 ppm
-10 °C ~ +70 °C
O
ΔΔ
-40 °C ~ +85 °C
O
Δ
O available
Δ
excludes shock and vibration
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Order Information
Example: O 20.0-JO75H-D-3.3-1
(LF = RoHS compliant / Pb free pads)
O
frequency
type
frequency stability
code
Oscillator
1.80 ~ 50.0 MHz
JO75H
see table 1
3.3 = 3.3 V
1 = 15 pF
2 = 30 pF
option
supply voltage
code
output load
code
Table 3: Rise & Fall Time max.
5.0 ns: 1.80 ~ 50.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
Table 2: Current Consumption max.
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
phase jitter 12 kHz ~ 20.0 MHz
symmetry at 0.5 x VDC
JO75H 3.3 V high stability
1.80 ~ 50.0 MHz
± 10ppm ~ ± 20ppm
see table 1
see table 2
3.3 V ± 5%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF / 30pF
4mA
0.1 x VDC
0.9 x VDC
5ms
150ns
5ms
stop
50µA
< 1.0ps RMS
45% ~ 55% max.
1.8 ~ 19.9 MHz
10 mA
20.0 ~ 50.0 MHz
22 mA
1.8 ~ 19.9 MHz
15 mA
20.0 ~ 50.0 MHz
25 mA
Current at 15pF load
Current at 30pF load
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
7.5 max.
5.08±0.1
1.4±0.1
# 4
# 3
# 1
# 2
5.08±0.1
1.8±0.1
# 3
# 4
# 2
# 1
not connected pins
0.8±0.1
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC
High Stability Oscillator with Stop Function
· 7.5 x 5.0 mm


Similar Part No. - O20.0-JO75H-F-3.3-1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JO75H-F-5.0-1 JAUCH-O20.0-JO75H-F-5.0-1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O20.0-JO75H-F-5.0-1-T1 JAUCH-O20.0-JO75H-F-5.0-1-T1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O20.0-JO75H-F-5.0-2 JAUCH-O20.0-JO75H-F-5.0-2 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
O20.0-JO75H-F-5.0-2-T1 JAUCH-O20.0-JO75H-F-5.0-2-T1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
More results

Similar Description - O20.0-JO75H-F-3.3-1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com