Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59536A0135A020 Datasheet(PDF) 3 Page - EPCOS

Part # B59536A0135A020
Description  PTC thermistors for motor starting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59536A0135A020 Datasheet(HTML) 3 Page - EPCOS

  B59536A0135A020 Datasheet HTML 1Page - EPCOS B59536A0135A020 Datasheet HTML 2Page - EPCOS B59536A0135A020 Datasheet HTML 3Page - EPCOS B59536A0135A020 Datasheet HTML 4Page - EPCOS B59536A0135A020 Datasheet HTML 5Page - EPCOS B59536A0135A020 Datasheet HTML 6Page - EPCOS B59536A0135A020 Datasheet HTML 7Page - EPCOS B59536A0135A020 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1) All tests with PTC disk mounted in EPCOS housing.
Reliability data
Test1)
Standard
Test conditions
∆R
25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, Vmax; Imax
Number of cycles: 500 000
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax /Top,max (Vmax)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 20%
Rapid change
of temperature
IEC 60738-1
T1 = Top,min (0 V), T2 = Top,max (0 V)
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, Test Na
< 20%
Climatic sequence
IEC 60738-1
Dry heat: T = Top,max (0 V)
Test duration: 16 h
Damp heat first cycle
Cold: T = Top,min (0 V)
Test duration: 2 h
Damp heat 5 cycles
Tests performed according to
IEC 60068-2-30
< 25%
Motor starting
Low power consumption
Page 3 of 8
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59536A0135A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
More results

Similar Description - B59536A0135A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
   PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
B59502A0120A020 EPCOS-B59502A0120A020 Datasheet
64Kb / 4P
   Motor Starting
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
   PTC Thermistors Motor Start Packages
01-Jan-2022
PTC307C VISHAY-PTC307C_V01 Datasheet
84Kb / 3P
   PTC Thermistors Motor Start Pellets
01-Jan-2022
logo
Suntan Capacitors
TS13D3-CD60 SUNTAN-TS13D3-CD60_17 Datasheet
178Kb / 1P
   MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW_16 Datasheet
252Kb / 1P
   Motor Starting Capacitor
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com