Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37830R5100K041 Datasheet(PDF) 3 Page - EPCOS

Part # B37830R5100K041
Description  Multilayer ceramic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830R5100K041 Datasheet(HTML) 3 Page - EPCOS

  B37830R5100K041 Datasheet HTML 1Page - EPCOS B37830R5100K041 Datasheet HTML 2Page - EPCOS B37830R5100K041 Datasheet HTML 3Page - EPCOS B37830R5100K041 Datasheet HTML 4Page - EPCOS B37830R5100K041 Datasheet HTML 5Page - EPCOS B37830R5100K041 Datasheet HTML 6Page - EPCOS B37830R5100K041 Datasheet HTML 7Page - EPCOS B37830R5100K041 Datasheet HTML 8Page - EPCOS B37830R5100K041 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering code system
B37830
R
0
101
K
0
2
1
Type and size
Chip size (inch/mm) = Temperature characteristic
C0G:
0405/1012
B37830
0508/1220
B37940
0612/1632
B37871
X7R:
0405/1012
B37831
0508/1220
B37941
0612/1632
B37872
Internal coding
"R" indicates array capacitor
Rated voltage
9 (Code)
16 VDC
0 (Code)
25 VDC
5 (Code)
50 VDC
Capacitance, coded (example)
100
10
100 pF = 10 pF
101
10
101 pF = 100 pF
220
22
100 pF = 22 pF
Capacitance tolerance
J
±5%
K
±10% (standard for C0G)
M
±20% (standard for X7R)
Internal coding: 0
or decimal place for cap. value <10 pF
2
2-fold array
4
4-fold array
Packaging
1
cardboard tape, 180-mm reel
3
cardboard tape, 330-mm reel
Multilayer ceramic capacitors
Array
C0G
Page 2 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37830R5100K041

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37830R5100K041 EPCOS-B37830R5100K041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results

Similar Description - B37830R5100K041

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com