Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOA8100GFF-XX04-5015 Datasheet(PDF) 2 Page - Emcore Corporation

Part # NMOA8100GFF-XX04-5015
Description  Erbium Doped Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8100GFF-XX04-5015 Datasheet(HTML) 2 Page - Emcore Corporation

  NMOA8100GFF-XX04-5015 Datasheet HTML 1Page - Emcore Corporation NMOA8100GFF-XX04-5015 Datasheet HTML 2Page - Emcore Corporation NMOA8100GFF-XX04-5015 Datasheet HTML 3Page - Emcore Corporation NMOA8100GFF-XX04-5015 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY DATA SHEET | OCTOBER 9, 2008
2of 4
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
NMOA8100 Series Fiber Amplifier
Electrical Characteristics
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
AC Power Supply Voltage
VAC
85
265
VAC
DC Power Supply
Voltage
VDC
-36
-48
-72
VDC
Power Consumption
Note 1
PTOT
10
W
Note 1: 10 W valid at 0 dBm input and 14 dBm output power within specified operating temperature range. Contact Emcore Sales for specific model datasheets.
General Optical Characteristics
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
Wavelength Range
VAC
1528
1550
1562
nm
Input Power
PIN
-10
0
12
dBm
Total Output Power Options
Note 1
POUT
14
27
dBm
Output Power Delta to Nominal
POUTΔ
-0.5
0.5
dB
Output Port Count Options (SC)
Notes 1, 2
-
1
10
Noise Figure
Note 3
NF
5.0
dB
Optical Isolation
ISO
30
dB
Input Power Alarm
LOS
-12
-11
-10
dBm
Input Monitor Loss
IMON
22
23
24
dB
Output Monitor Loss
OMON
19
20
21
dB
Note 1: Total output power and number of ports varies by model type. Contact Emcore Sales for model specific datasheets
Note 2: Model types are specified by output power per port
Note 3: Test Condition with Input Power = 0 dBm (@ 1550nm)
Note 4: Specifications valid within operating temperature range.
Absolute Maximum Ratings
PROPERTY
SYMBOL
MIN
TYP
MAX
UNIT
Operating Temperature Range
TO
0
50
oC
Storage temperature Range
TS
-40
85
oC
Relative Humidity
H
0
95
%
Optional Features
• Automatic power control and/or automatic
gain control modes.
• Port count, optical power, and connector
style options
• Gain flattened options for WDM applications
Monitors and Alarms
• Loss of input signal
• Loss of output power
• Pump laser diode bias current
• Pump LD Temperature
• Case Temperature
• Redundant Power Supplies
• Redundant Fans


Similar Part No. - NMOA8100GFF-XX04-5015

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100GFF-XX04-5015 EMCORE-NMOA8100GFF-XX04-5015 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
More results

Similar Description - NMOA8100GFF-XX04-5015

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com