Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PONA3027-SC02EDC Datasheet(PDF) 2 Page - Emcore Corporation

Part # PONA3027-SC02EDC
Description  Erbium Doped Fiber Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3027-SC02EDC Datasheet(HTML) 2 Page - Emcore Corporation

  PONA3027-SC02EDC Datasheet HTML 1Page - Emcore Corporation PONA3027-SC02EDC Datasheet HTML 2Page - Emcore Corporation PONA3027-SC02EDC Datasheet HTML 3Page - Emcore Corporation PONA3027-SC02EDC Datasheet HTML 4Page - Emcore Corporation PONA3027-SC02EDC Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
PRELIMINARY DATA SHEET | MARCH 21, 2008
For more information on this and other products:
Contact EMCORE sales at 626-293-3400, or visit www.emcore.com.
Specifications
PROPERTY
UNIT
LIMIT
PONA MODELS
COMMENT
Product Code
3027
3030
3032
3035
PERFORMANCE
(note 1)
Operating Input Power
Pin (dBm)
Max
+12
+12
+12
+12
Operating Input Power
Pin (dBm)
Min
-10
-10
-10
-10
Output Power
Po (dBm)
27.0
30.0
32.0
35.0
Nominal (note 2)
Noise Figure
NF (dB)
Typ/Max
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
(note 3)
Static Gain Flatness
GF (dB)
Max
+/-1.0
+/-1.0
+/-1.0
+/-1.0
(note 4)
Dynamic Gain Flatness
(dB)
Max
+/-2.00
+/-2.00
+/-2.25
+/-2.50
(note 5)
Output Power Stability
(dB)
Max
+/- 0.25
+/- 0.25
+/-0.25
+/- 0.25
(note 6)
Power Consumption
(steady state regime)
Psys (W)
Max
40
25
50
30
65
40
80
50
50oC Case (premium)
50oC Case (economy)
(note7)
Remnant pump power to output
Prp (dBm)
Nom.
<-30
<-30
<-30
<-30
Notes:
1) Unless stated otherwise all specifications apply over the full temperature range and humidity
2) Depending on the fiber optic patchcord interface the measured value can vary up to 0.5 dB less than the actual value
3) Measured @ 25
°C, EPin = 0 dBm
4) Measured with a swept Probe Signal (Pp), where Pp = 0 dBm @ 25
°C
5) Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ 1553nm; (Pt = Pp+20 dB; Pt + Pp = 0 dBm) @ 25
°C
6) Stability over polarization and temperature
7) Premium version – PONA with cooled, Telcordia qualified pumps
Economy version – PONA with uncooled pumps
Physical
GENERAL PROPERTY
REQUIREMENT
COMMENTS
Operating Wavelength
1545 ~ 1562nm
Standard
Operating Case Temperature
0
°C to 50°C
Standard
Storage Temperature
-40
°C to 85°C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
85 VAC to 265 VAC 50/60 Hz
-36 to -60 V DC
AC version
DC version
*(Redundant Power Supply is
Available by Customer Request)
Optical Connectors
See ordering information
User Specified
Dimensions In Inches
19.0”W x 15.7”D x 3.44”H
19’’ Rack Mounted, 2 RU


Similar Part No. - PONA3027-SC02EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3027-SC-01-E-AC EMCORE-PONA3027-SC-01-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3027-SC-01-E-AC EMCORE-PONA3027-SC-01-E-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
PONA3027-SC-01-E-DC EMCORE-PONA3027-SC-01-E-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3027-SC-01-E-DC EMCORE-PONA3027-SC-01-E-DC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
PONA3027-SC-01-P-AC EMCORE-PONA3027-SC-01-P-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3027-SC02EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com