Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37987M5224K000 Datasheet(PDF) 9 Page - EPCOS

Part # B37987M5224K000
Description  Multilayer ceramic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37987M5224K000 Datasheet(HTML) 9 Page - EPCOS

Back Button B37987M5224K000 Datasheet HTML 5Page - EPCOS B37987M5224K000 Datasheet HTML 6Page - EPCOS B37987M5224K000 Datasheet HTML 7Page - EPCOS B37987M5224K000 Datasheet HTML 8Page - EPCOS B37987M5224K000 Datasheet HTML 9Page - EPCOS B37987M5224K000 Datasheet HTML 10Page - EPCOS B37987M5224K000 Datasheet HTML 11Page - EPCOS B37987M5224K000 Datasheet HTML 12Page - EPCOS B37987M5224K000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Capacity tolerance
Dimensional drawing
Code letter
K (standard)
M
Tolerance
±10 %
±20 %
Dimensions (mm)
Lead spacing
= 2.5 +0.6/ 0.1 mm
Lead spacing
= 5.0 +0.6/ 0.1 mm
Type
B37981M
B37987M
Type
B37981F
B37987F
B37984M
hmax
5.5
6.0
hmax
5.5
6.5
9.0
wmax
5.0
5.0
wmax
5.0
5.0
7.5
thmax
2.5
2.5
thmax
2.5
2.5
2.5
Termination
Multilayer ceramic capacitors
X7R
Page 4 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37987M5224K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37987M52.2J000 EPCOS-B37987M52.2J000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37987M52.2J051 EPCOS-B37987M52.2J051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37987M52.2J054 EPCOS-B37987M52.2J054 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37987M52.2K000 EPCOS-B37987M52.2K000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37987M52.2K051 EPCOS-B37987M52.2K051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37987M5224K000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com