Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5245 Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 1N5245
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N5245 Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  1N5245 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N5245 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N5245 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd 1N5245 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
<0.1
1N5251
22
<29
<+0.087
17
5.6
1N5252
24
<33
<+0.088
18
5.2
1N5253
25
<35
<+0.089
19
5.0
1N5254
27
<41
<+0.090
21
4.6
1N5266
68
<230
<+0.097
52
<1600
1.8
1N5280
190
<2400
<+0.120
142
0.66
1N5255
28
<44
<+0.091
21
4.5
1N5267
75
<270
<+0.098
56
<1700
1.7
1N5281
1) The zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (I or I
ZT
ZK
ZT
ZK
) is
superimposed on I or I Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to elimunate unstable units.
2) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.
200
<2500
<+0.120
150
0.65
1N5256
30
<49
<+0.091
23
4.2
1N5268
82
<330
<+0.098
62
<2000
1.5
1N5257
33
<58
<+0.092
25
<700
3.8
1N5269
87
<370
<+0.099
68
<2200
1.4
1N5258
36
<70
<+0.093
27
<700
3.4
1N5270
91
<400
<+0.099
69
<2300
1.4
1N5259
39
<80
<+0.094
30
<800
3.2
1N5271
100
<500
<+0.100
75
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
1.3
1N5260
43
<93
<+0.095
33
<900
3.0
1N5272
110
<700
<+0.100
83
1.2
1N5261
47
<105
<+0.095
36
<1000
2.7
1N5273
120
<950
<+0.100
90
1.0
1N5262
51
<125
<+0.096
39
<1100
2.5
1N5274
130
<1100
<+0.110
98
0.95
1N5263
56
<150
<+0.096
43
<1300
2.2
1N5277
160
<1700
<+0.115
120
0.80
1N5275
140
<1300
<+0.110
105
0.90
1N5264
60
<170
<+0.097
46
<1400
2.1
1N5278
170
<1900
<+0.115
127
0.74
1N5265
62
<185
<+0.097
47
<1400
2.0
1N5279
180
<2200
<+0.120
135
0.68
1N5276
150
<1500
<+0.110
113
0.85
1N5250
20
<25
<+0.086
15
6.2
VZNOM
V
V
IZT
I at V
RR
TKVz
mA
A
mA
Zener Voltage range
1)
2)
1)
3)
%/K
<600
0.25


Similar Part No. - 1N5245

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5245 SURGE-1N5245 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5245 DAYA-1N5245 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5245 HORNBY-1N5245 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5245 SEME-LAB-1N5245 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5245 MCC-1N5245 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - 1N5245

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com