Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44033-A60 Datasheet(PDF) 8 Page - EPCOS

Part # B44033-A60
Description  Mounting parts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033-A60 Datasheet(HTML) 8 Page - EPCOS

  B44033-A60 Datasheet HTML 1Page - EPCOS B44033-A60 Datasheet HTML 2Page - EPCOS B44033-A60 Datasheet HTML 3Page - EPCOS B44033-A60 Datasheet HTML 4Page - EPCOS B44033-A60 Datasheet HTML 5Page - EPCOS B44033-A60 Datasheet HTML 6Page - EPCOS B44033-A60 Datasheet HTML 7Page - EPCOS B44033-A60 Datasheet HTML 8Page - EPCOS B44033-A60 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
350 09/05
Mounting parts
Retaining rings for use on mounting plates
For capacitors 64 to 121 mm in diameter.
Material: UV-resistant plastic
The threaded stud at the case bottom is used as second fixing point. When mounting it must be
ensured that the retaining ring lies below the case crimp. The position of the crimp is indicated on
the individual data sheets.
Dimensions in mm
Capacitor
diameter
mm
d1 ± 0,2
(mounting plate)
mm
d2 + 0,5
d3 + 0,5
d4 + 0,5
Ordering code
64
70
59
74
64
B44033-A60
79
85
74
89
79
B44033-A75
89
95
84
99
89
B44033-A85
99
105
94
109
99
B44033-A95
121
126
115
130
120
B44033-A116
KLK0778-Y
4
d
d2
d1
3
d
Mounting plate


Similar Part No. - B44033-A60

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44033-A1143 EPCOS-B44033-A1143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A1178 EPCOS-B44033-A1178 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A2143 EPCOS-B44033-A2143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A2178 EPCOS-B44033-A2178 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A3143 EPCOS-B44033-A3143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
More results

Similar Description - B44033-A60

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
   Mounting Parts
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
   MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
   MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
   MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
   MOLDED PARTS
logo
Qualtek Electronics Cor...
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
   MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
   MOLDED PARTS
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
   Original spare parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com