Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44033-A2143 Datasheet(PDF) 9 Page - EPCOS

Part # B44033-A2143
Description  Mounting parts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033-A2143 Datasheet(HTML) 9 Page - EPCOS

  B44033-A2143 Datasheet HTML 1Page - EPCOS B44033-A2143 Datasheet HTML 2Page - EPCOS B44033-A2143 Datasheet HTML 3Page - EPCOS B44033-A2143 Datasheet HTML 4Page - EPCOS B44033-A2143 Datasheet HTML 5Page - EPCOS B44033-A2143 Datasheet HTML 6Page - EPCOS B44033-A2143 Datasheet HTML 7Page - EPCOS B44033-A2143 Datasheet HTML 8Page - EPCOS B44033-A2143 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
351 09/05
Insulating parts
For increasing the clearance of capacitors with screw terminals M10; minimum distance between
the terminals: 35 mm.
Suitable for case types
B 25 834-+★★★★-K4 and
B 25 838-+★★★★-K4.
The insulating parts are made of polyamide.
With the aid of these insulating parts a given clearance of L = 13 mm can be increased to a clear-
ance of L = 25 mm. Two insulating parts are required for each capacitor.
Insulating part
Application example
Dimensions in mm
Ordering code: B25901-A1
(Ordering code per piece, 2 are required)
KLK1285-Q
32
10,5+0,3
2,5 0,3
_
0,5
_
R2,5 0,5
_
KLK1286-Y
M10
35
Insulating part
= 25 min.
Hex nut
M 10 ISO 4035
Washer
10,5 DIN 433
L


Similar Part No. - B44033-A2143

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44033-A2143 EPCOS-B44033-A2143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
More results

Similar Description - B44033-A2143

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
   Mounting Parts
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
   MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
   MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
   MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
   MOLDED PARTS
logo
Qualtek Electronics Cor...
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
   MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
   MOLDED PARTS
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
   Original spare parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com