Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q10.0-MQ1-12-10 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # Q10.0-MQ1-12-10
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q10.0-MQ1-12-10 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  Q10.0-MQ1-12-10 Datasheet HTML 1Page - Jauch Quartz Gmbh Q10.0-MQ1-12-10 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
12.0
7.8
ø1.5 ± 0.2
ø1.5 ±0.1
2.0±0.1
4.0±0.1
0.3± 0.05
3.7±0.2
Taping Specification
1000 pcs per reel
in mm
2.0
ø 21
120°
24.8
Quartz Crystal · MQ1-SMC
Marking
frequency
company code / date code
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content


Similar Part No. - Q10.0-MQ1-12-10

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q10.0-MQ1-10-10 JAUCH-Q10.0-MQ1-10-10 Datasheet
96Kb / 2P
   Quartz Crystal
Q10.0-MQ1-10-100 JAUCH-Q10.0-MQ1-10-100 Datasheet
96Kb / 2P
   Quartz Crystal
Q10.0-MQ1-10-3 JAUCH-Q10.0-MQ1-10-3 Datasheet
96Kb / 2P
   Quartz Crystal
Q10.0-MQ1-10-30 JAUCH-Q10.0-MQ1-10-30 Datasheet
96Kb / 2P
   Quartz Crystal
Q10.0-MQ1-10-5 JAUCH-Q10.0-MQ1-10-5 Datasheet
96Kb / 2P
   Quartz Crystal
More results

Similar Description - Q10.0-MQ1-12-10

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com