Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-852S-TA Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTV-852S-TA
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-852S-TA Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTV-852S-TA Datasheet HTML 3Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 4Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 5Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 6Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 7Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 8Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 9Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 10Page - Lite-On Technology Corporation LTV-852S-TA Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Temperature
Fig.10 Response Time vs. Load
vs. Ambient Temperature
0
10
1
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
100
1.0
1
0.1
1000
O
O
Resistance
-25
0
Frequency f (kHz)
500
Fig.11 Frequency Response
80
60
40
20
0.8
0.6
0.4
0.2
-5
-10
-15
-20
100
10
1
0.1
VCE=2V
IC=20mA
RL=1k
100
10
2
5
10
20
50
100
200
500
Load resistance RL (k )
VCE=2V
IC=20mA
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Output
Vcc
Ambient temperature Ta ( C)
100
80
60
40
20
O
10
1000
V =200V
CE
100
tr
tf
td
ts
I =20mA
Ic=100mA
20
1.00
F
100
40
60
80
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
1.10
1.20
RD
RL
RL
RD
IF=1mA
VCE=2V
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
Page : 10 of 11
BNS-OD-C131/A4


Similar Part No. - LTV-852S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852S-TA1 TENAND-LTV-852S-TA1 Datasheet
337Kb / 10P
   Property of LITE-ON Only
More results

Similar Description - LTV-852S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com