Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4934G Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 1N4934G
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N4934G Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  1N4934G Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N4934G Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4933G THRU 1N4937G
10
0
20
30
40
50
0.4
1
4
8
6
2
60
10
20
40
100
0.6
0.8
1.0
1.2
1.4
1.8
1.6
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1.0
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
SET TIME BASE FOR 50/100 ns/cm
IFM 1.0
IRM (REC)
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
TJ=25 C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
1
2
6
4
0.1 0.2
0.4
1
4
2
10
40
20
Trr
0
100
10
60
40
100
20
200
FIG.3-TYPICAL JUNCTION CAPACITANCE
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
TJ=25 C
SINGLE PHASE HALF WAVE 60HZ
RESISTIVE OR INDUCTIVE LOAD
Pulse Width=300 s
1% Duty Cycle
Zout 11/2W MAX DC to 2kHz
MINIMIZE ALL LEAD LENGTHS
+10 C
£-0
A. TEKTRONIX 545A.K PLUG IN PRE AMP P6000 PROBE OR EQUIVALENT R1-ADJUSTED FOR 1.4W BETWEEN POINT 2
OF RELAY AND RECTIFIER INDUCTIVE=3.8uH
R2-TEN-1W 10W % CARBON CORE IN PARALLEL TA=25
FOR RECTIFIER
3.8 H/1.4
R1
30W
50W
NON-INDUCTIVE
UNIT
UNDER TEST
R2
1W
10W
NON-INDUCTIVE
C1
1.0Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE=3mVrms MAX
1APM
SLO. BLO
FUSE
C1
1.0 F
300V
0.01
0.03
0.1
0.3
1
3
10
1
2
3
4
5
6
7
8
115Va
60Hz
10K
2W
C.P.CLARE HPG 1002
30Vdc
CONSTANT VOLTAGE
SUPPLY
Si(t) di/dt=50A/uS
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
9-9


Similar Part No. - 1N4934G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4934G RECTRON-1N4934G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4934G TSC-1N4934G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Won-Top Electronics
1N4934G WTE-1N4934G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4934G HY-1N4934G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4934G GULFSEMI-1N4934G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

Similar Description - 1N4934G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com