Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q0.032768-SMQ32-12.5-20 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q0.032768-SMQ32-12.5-20
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal · SMQ32
SMD Tuning Fork Crystal
· 13.2 x 4.9 mm
Dimensions
top view
side view
bottom view
crystal connection
pad layout
in mm
9.4±0.1
# 1
# 2
# 4
# 3
13.2±0.2
1.8±0.1
3.0±0.1
6.7±0.1
2.0±0.1
3.4±0.1
Terminals
# 1 - # 4 X-tal
# 2 - # 3 GND
actual size
#2 - #3:
connected to housing
Marking
Frequency Stability vs. Temperature
- 80 ppm
- 160 ppm
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
standard
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
company code / 327 / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
# 1
# 2
# 3
# 4
Order Information
Example: Q 0.032768-
SMQ32-12.5-20
(Suffix LF = RoHS compliant / Pb free pads)
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Q
frequency
type
load capacitance
Quartz
0.032768 MHz
SMQ32
6 pF ~ 12.5 pF
12.5 pF Std.
30 = ± 30 ppm
20 = ± 20 ppm
option
stability at
25 °C
32.768 kHz standard
reflow soldering temperature: 260 °C max.
package height 4.8 mm max.
General Data
SMQ32
32.768 kHz (30.0 ~ 80.0 kHz on request)
± 20 ppm / ± 30 ppm
12.5 pF Std. (6 pF ~ 12.5 pF)
-0.04 · 10-6 /°C
2 max.
-0.034 · 10-6 /°C
2 typical
f (ppm) = -0.04 ( 25 °C - T )
2
T = requested temperature
-20 °C ~ +70 °C / -40 °C ~ +85 °C
2 pF typical
33.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
type
frequency
frequency tolerance at 25 °C ± 5 °C
load capacitance CL
temperature constant
frequency temperature characteristic
operating tenperature range
shunt capacitance Co
series resistance max. ( ESR )
storage temperature
drive level max.
aging first year




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl