Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q0.032768-SMQ32-12.5-30 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part No. Q0.032768-SMQ32-12.5-30
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Quartz Crystal · SMQ32
J
H
A
ø K
G
F
M
N
Direction of feed
#1
Taping Specification
1000 pcs per reel
AB
C
D
E
F
G
H
J
K
M
N
5.3± 0.1 13.4± 0.1 24.0± 0.3 11.5± 0.11.75± 0.1 ø 1.5± 0.1 2.0± 0.1 4.0± 0.1 8.0± 0.1 ø2.5± 0.05 0.3± 0.05 5.5± 0.1
in mm
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl