Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q4.500-SMU5-12-50 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # Q4.500-SMU5-12-50
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q4.500-SMU5-12-50 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  Q4.500-SMU5-12-50 Datasheet HTML 1Page - Jauch Quartz Gmbh Q4.500-SMU5-12-50 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
General Data
Frequency Stability vs. Temperature
ESR (series resistance Rs)
SMD Quartz Crystal · SMU5
Marking
frequency with load capacitance code
company code / date code / internal code
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
3.579 ~3.999
fund.- AT
150
80
4.000 ~ 4.499
fund.- AT
120
60
4.500 ~ 5.999
fund.- AT
100
50
6.000 ~ 6.999
fund.- AT
80
40
7.000 ~ 9.999
fund.- AT
70
35
10.00 ~ 13.99
fund.- AT
50
25
14.00 ~ 40.00
fund.- AT
40
20
27.00 ~ 60.00 3rd OT - AT
120
80
24.00 ~ 40.00
fund.- BT
50
20
actual size
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
SMU5
3.579545 ~ 40.0 MHz
( fund. AT-cut )
27.0 ~ 60.0 MHz
( 3rd OT. AT-cut )
24.0 ~ 40.0 MHz
( fund. BT-cut )
± 10 ppm ~ ± 30 ppm
12 pF ~ 32 pF or series
< 5 pF
-40 °C ~ +90 °C
500 µW
(100 µW recommended)
< ± 5 ppm first year
Jan. Febr. Mar. Apr. May June July Aug. Sept. Okt. Nov. Dec.
2005
AB
C D
E
F
G H J K
L M
2006
NP QR
S
T
U V W X
Y Z
2007
ab
c
d
e
f
g
h
j
k
l m
2008
n
p
q
r
s
t
u
v
w
x
y
z
-20 °C ~ +70 °C
-40 °C ~ +85 °C
T1
± 30 ppm
± 50 ppm
± 100 ppm
+10/-100 ppm
O
O BT-cut
O
13.1±0.2
3.0±0.1
1.6±0.1
9.4±0.1
# 1
# 2
# 3
# 4
6.7±0.1
2.0±0.1
3.4±0.1
# 1
# 2
# 3
# 4
Dimensions
in mm
top view
side view
bottom view
crystal connection
pad layout
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
BT = fundamental BT-cut
Order Information
Example: Q 30.0-SMU5-30-30/50-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
Quartz
3.579545 ~ 60.0
MHz
SMU5
30 pF standard
12 pF ~ 32 pF
S for series
30 = ± 30 ppm std
see table
option
stability at
25 °C
stability vs.
temp. range
standard
O
available
low cost alternative to MG3A
reflow soldering temperature: 260 °C max.
package height 5 mm
4 Pad Version
· 13.1 x 5.0 mm
#2, #3: connected to housing


Similar Part No. - Q4.500-SMU5-12-50

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q4.500-SMU4-12-100 JAUCH-Q4.500-SMU4-12-100 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q4.500-SMU4-12-20 JAUCH-Q4.500-SMU4-12-20 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q4.500-SMU4-12-30 JAUCH-Q4.500-SMU4-12-30 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q4.500-SMU4-12-50 JAUCH-Q4.500-SMU4-12-50 Datasheet
131Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - Q4.500-SMU5-12-50

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com