Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV702VM-V Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTV702VM-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702VM-V Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTV702VM-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 11Page - Lite-On Technology Corporation LTV702VM-V Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs.
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs.
Fig.5 Current Transfer Ratio vs.
Forward Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
Forward voltage V (V)
Forward current I (mA)
F
F
CE
-55
Ta= 75 C
50 C
25 C
0 C
-25 C
Ta= 25 C
I = 30mA
Pc(MAX.)
5mA
10mA
20mA
F
80
R =
500k
100k
2mA
Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Collector-emitter voltage V
(V)
60
40
20
0
-25
0
25
50
75
100 125
50
-25
-55
0
25
125
75
100
200
100
50
150
0
160
0
1
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
50
100
200
500
0
02
46
8
10
5
10
15
20
25
30
35
40
45
0
0
2
5
10
20
50
20
40
80
100
120
140
160
200
180
60
Forward Voltage
o
o
o
o
o
o
o
o
o
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
Forward current I (mA)
F
2mA
3mA
1mA
5mA
Ic= 0.5mA
Ta= 25 C
o
0
2.5
5.0
7.5
10.0
12.5
0
1
2
3
4
5
6
VCE=5V
Ta= 25 C
Part No. : LTV702V ( M, S, STA1 )-V
Page : 10 of 12
BNS-OD-C131/A4


Similar Part No. - LTV702VM-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV702F-V TENAND-LTV702F-V Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Lite-On Technology Corp...
LTV702FM-V LITEON-LTV702FM-V Datasheet
192Kb / 12P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV702FM-V TENAND-LTV702FM-V Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Lite-On Technology Corp...
LTV702FS-V LITEON-LTV702FS-V Datasheet
192Kb / 12P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV702FS-V TENAND-LTV702FS-V Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
More results

Similar Description - LTV702VM-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com