Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q10.0-JXG75P2-12-50 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part No. Q10.0-JXG75P2-12-50
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
SMD Quartz Crystal · JXG75P2
8.0
4.0
1.9
5.4
ø 1.5
Feeding
Taping Specification
1000 pcs per reel
2.0
ø 21
120°
17.5
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
Load Capacitance Codes
8 pF: k
9 pF: n
10 pF: h
11 pF: l
12 pF: a
13 pF: v
22 pF: g
24 pF: d
25 pF: r
27 pF: w
30 pF: .
series: s
T: 3rd OT
14 pF: x
15 pF: j
16 pF: b
17 pF: t
18 pF: f
20 pF: c
example 8.0 MHz / 12 pF: 8a000
in mm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl