Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37872R5472M041 Datasheet(PDF) 4 Page - EPCOS

Part # B37872R5472M041
Description  Multilayer ceramic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872R5472M041 Datasheet(HTML) 4 Page - EPCOS

  B37872R5472M041 Datasheet HTML 1Page - EPCOS B37872R5472M041 Datasheet HTML 2Page - EPCOS B37872R5472M041 Datasheet HTML 3Page - EPCOS B37872R5472M041 Datasheet HTML 4Page - EPCOS B37872R5472M041 Datasheet HTML 5Page - EPCOS B37872R5472M041 Datasheet HTML 6Page - EPCOS B37872R5472M041 Datasheet HTML 7Page - EPCOS B37872R5472M041 Datasheet HTML 8Page - EPCOS B37872R5472M041 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1) Note: No operation on AC line.
2) For CR >10 nF the time constant
τ = C R
ins is given.
3) Refer to chapter "General technical information", "Ageing".
Features
Reduction of mounting time and mounting costs
Space saving on the PCB
Based on AEC-Q200 Rev-C
Applications
Suitable for electronic circuits with parallel line layout
Decoupling
Coupling
Blocking
Interference suppression
Termination
Nickel barrier terminations (Ni) for lead-free soldering
Options
Alternative capacitance values and tolerances available on request
Delivery mode
Cardboard and blister tape, 180-mm and 330-mm reel available
Electrical data
Temperature characteristic
X7R
Max. relative capacitance change within
55 ... +125
°C ∆C/C
±15
%
Climatic category
(IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
16, 25, 50
VDC
Test voltage
Vtest
2.5
VR/5 s
VDC
Capacitance range
CR
1 nF ... 33 nF
Dissipation factor
(limit value)
tan
δ
< 25
10-3
(limit value)
tan
δ
< 35
10-3 for 16 V
Insulation resistance2)
(at +25
°C)
Rins
> 105
M
Insulation resistance2)
(at +125
°C)
Rins
> 104
M
Time constant2)
(at +25
°C)
τ
> 1000
s
Time constant2)
(at +125
°C)
τ
> 100
s
Operating temperature range
Top
55 ... +125
°C
Ageing3)
yes
Multilayer ceramic capacitors
X7R
Page 3 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37872R5472M041

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872R5010J021 EPCOS-B37872R5010J021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37872R5010J023 EPCOS-B37872R5010J023 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37872R5010J041 EPCOS-B37872R5010J041 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37872R5010J043 EPCOS-B37872R5010J043 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37872R5010K021 EPCOS-B37872R5010K021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37872R5472M041

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com