Electronic Components Datasheet Search |
|
NMOA8100GFF-XX04-5003 Datasheet(PDF) 2 Page - Emcore Corporation |
|
NMOA8100GFF-XX04-5003 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 4 page PRELIMINARY DATA SHEET | OCTOBER 9, 2008 2of 4 EMCORE Broadband 2015 West Chestnut Street Alhambra, California 91803-1542 Tel: 626-293-3400 Fax: 626-293-3428 www.emcore.com Copyright 2008. EMCORE Corporation NMOA8100 Series Fiber Amplifier Electrical Characteristics PROPERTY SYMBOL MIN TYP MAX UNIT AC Power Supply Voltage VAC 85 265 VAC DC Power Supply Voltage VDC -36 -48 -72 VDC Power Consumption Note 1 PTOT 10 W Note 1: 10 W valid at 0 dBm input and 14 dBm output power within specified operating temperature range. Contact Emcore Sales for specific model datasheets. General Optical Characteristics PROPERTY SYMBOL MIN TYP MAX UNIT Wavelength Range VAC 1528 1550 1562 nm Input Power PIN -10 0 12 dBm Total Output Power Options Note 1 POUT 14 27 dBm Output Power Delta to Nominal POUTΔ -0.5 0.5 dB Output Port Count Options (SC) Notes 1, 2 - 1 10 Noise Figure Note 3 NF 5.0 dB Optical Isolation ISO 30 dB Input Power Alarm LOS -12 -11 -10 dBm Input Monitor Loss IMON 22 23 24 dB Output Monitor Loss OMON 19 20 21 dB Note 1: Total output power and number of ports varies by model type. Contact Emcore Sales for model specific datasheets Note 2: Model types are specified by output power per port Note 3: Test Condition with Input Power = 0 dBm (@ 1550nm) Note 4: Specifications valid within operating temperature range. Absolute Maximum Ratings PROPERTY SYMBOL MIN TYP MAX UNIT Operating Temperature Range TO 0 50 oC Storage temperature Range TS -40 85 oC Relative Humidity H 0 95 % Optional Features • Automatic power control and/or automatic gain control modes. • Port count, optical power, and connector style options • Gain flattened options for WDM applications Monitors and Alarms • Loss of input signal • Loss of output power • Pump laser diode bias current • Pump LD Temperature • Case Temperature • Redundant Power Supplies • Redundant Fans |
Similar Part No. - NMOA8100GFF-XX04-5003 |
|
Similar Description - NMOA8100GFF-XX04-5003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |