Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G4P109-I Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # G4P109-I
Description  1000 BASE -T QUAD PORT MAGNETICS MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

G4P109-I Datasheet(HTML) 1 Page - Bothhand USA, LP.

  G4P109-I Datasheet HTML 1Page - Bothhand USA, LP. G4P109-I Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T QUAD PORT MAGNETICS MODULES
Page : 1/2
P/N: G4P109-I DATA SHEET
Feature
Designed for Ethernet 1000 BASE-T, full Quad port
applications.
Supports 16 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode
emissions.
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
G4P109-I
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz
60MHz
100MHz
G4P109-I
-0.8
-18
-14.5
-14
-13.5
-12.5
-40
-35
-30
Schematic
Bothhandusa.com
G4P109-I


Similar Part No. - G4P109-I

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G4P109-I-LF BOTHHAND-G4P109-I-LF Datasheet
179Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109-ILF BOTHHAND-G4P109-ILF Datasheet
108Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
More results

Similar Description - G4P109-I

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G4P109-ILF BOTHHAND-G4P109-ILF Datasheet
108Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109NLF BOTHHAND-G4P109NLF Datasheet
99Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109 BOTHHAND-G4P109 Datasheet
160Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-D BOTHHAND-G4P109-D Datasheet
160Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-E BOTHHAND-G4P109-E Datasheet
158Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P209AC BOTHHAND-G4P209AC Datasheet
184Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P209LF BOTHHAND-G4P209LF Datasheet
147Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P209 BOTHHAND-G4P209 Datasheet
164Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
PG4P209NLF BOTHHAND-PG4P209NLF Datasheet
108Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109A BOTHHAND-G4P109A Datasheet
136Kb / 2P
   1000 BASE -T QUAD PORT MAGNETICS MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com