Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEMT2102-FC-2 Datasheet(PDF) 5 Page - Emcore Corporation

Part # SEMT2102-FC-2
Description  1550 nm Externally Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SEMT2102-FC-2 Datasheet(HTML) 5 Page - Emcore Corporation

  SEMT2102-FC-2 Datasheet HTML 1Page - Emcore Corporation SEMT2102-FC-2 Datasheet HTML 2Page - Emcore Corporation SEMT2102-FC-2 Datasheet HTML 3Page - Emcore Corporation SEMT2102-FC-2 Datasheet HTML 4Page - Emcore Corporation SEMT2102-FC-2 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
PRELIMINARY DATA SHEET | MARCH 17, 2008
xEMT 2100 Series 1550nm Transmitter
Laser Safety Information
CAUTION – use of controls or adjustments or performance of procedures other than those specified herein may result in
hazardous laser exposure.
CAUTION - invisible laser energy is present at the output(s) of the optical connectors. AVOID DIRECT EXPOSURE TO
THE BEAM. Laser output is invisible and eye damage may result.
CAUTION - do not attempt to open any optical connections with the laser enabled. Laser power up to 17.5 mW at
approximately 1550 nm could be accessible with optical connectors open.
One or both of the following precautionary labels can be found on the fiber optic connector bulkhead assembly located at
the rear of the transmitter.
Ordering Information
EMT210
-
-
-
Model Type
Channel
Plan
Wavelength
Connectors Option
Voltage
Supply
D - Short Link
1 – NTSC 80-Ch
blank – 1555+/-5 nm
SC - SC/APC
1 – VAC
S - Medium Link
2 – PAL 60-Ch
XX – ITU Channel
FC - FC/APC
2 – VDC
H - Long Link
3 – NTSC 110-ch
EC - E2000/APC Diamond
F - FTTx
4 – PAL 89-Ch
TC - SC/UPC
GC - FC/UPC
Example:
SEMT2101-35-SC-1: Medium Link transmitter with 80 NTSC channel loading, ITU 35, SC/APC optical
connector, and AC power
DANGER INVISIBLE LASER RADIATION WHEN OPEN
AVOID DIRECT EXPOSURE TO BEAM
DISCONNECTED OPTICAL CONNECTOR MAY EMIT
INVISIBLE OPTICAL ENERGY
DO NOT VIEW WITH OPTICAL INSTRUMENTS
CAUTION


Similar Part No. - SEMT2102-FC-2

ManufacturerPart #DatasheetDescription
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
logo
Conquer Electronics Co....
SEM CONQUER-SEM Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM.500 CONQUER-SEM.500 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM002 CONQUER-SEM002 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
SEM1.25 CONQUER-SEM1.25 Datasheet
307Kb / 1P
   10.1 x 3.1 x 3.1 mm (4012)
More results

Similar Description - SEMT2102-FC-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com