Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL38000ZI-XXX Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # SL38000ZI-XXX
Description  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZI-XXX Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button SL38000ZI-XXX Datasheet HTML 4Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 5Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 6Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 7Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 8Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 9Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 10Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 11Page - SpectraLinear Inc SL38000ZI-XXX Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev 1.1, August 7, 2008
Page 9 of 12
SL38000
SDA/SCLK
fall time
tF
-
300
-
300
ns
STOP set-up
time
tSU;STO
4.0
-
0.6
-
ns
Bus free time
tBUF
4.7
-
1.3
-
μs
Table 2. I2C-Bus Timing Specification
tLOW
tF
tHD;STA
tR
tHD;DAT
tSU;DAT
tHIGH
tF
tSU;STA
tHD;STA
tSU;STO
tBUF
SDATA
SCLK
tR
S
Sr
P
S
I2C-Bus Timing Diagram
External Components & Design Considerations
Typical Application Schematic
TBD
Comments and Recommendations
Decoupling Capacitor: A decoupling capacitor of 0.1μF must be used between all VDD and VSS pins on PCB.
Place the capacitor on the component side of the PCB as close to the VDD pins as possible. The PCB trace to the
VDD pins and to the GND via should be kept as short as possible Do not use vias between the decoupling capacitor
and the VDD pins.
Series Termination Resistor: A series termination resistor is recommended if the distance between the outputs
(CLKOUT or REFCLK pins) and the load is over 1 ½ inch. The nominal impedance of the all clock outputs are about
25 Ω. Use 20 Ω resistor in series with the output to terminate 50Ω trace impedance and place 20 Ω resistor as close
to the SSCLK output as possible.
Crystal and Crystal Load: Use only parallel resonant fundamental crystals. DO NOT USE higher overtone crystals.
To meet the crystal initial accuracy specification (in ppm); the internal on-chip programmable capacitors PCin and
PCout must be programmed to match the crystal load requirement. These values are given by the formula below:


Similar Part No. - SL38000ZI-XXX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000ZI-15AH SILABS-SL38000ZI-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZI-15AHT SILABS-SL38000ZI-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Similar Description - SL38000ZI-XXX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com