Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1-1212S Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # B1-1212S
Description  B1-Sil Series 1 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-1212S Datasheet(HTML) 3 Page - Bothhand USA, LP.

  B1-1212S Datasheet HTML 1Page - Bothhand USA, LP. B1-1212S Datasheet HTML 2Page - Bothhand USA, LP. B1-1212S Datasheet HTML 3Page - Bothhand USA, LP. B1-1212S Datasheet HTML 4Page - Bothhand USA, LP. B1-1212S Datasheet HTML 5Page - Bothhand USA, LP. B1-1212S Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
m
4.2. 1K Vdc Isolation - Dual output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max.
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B1-053R3S
± 3.3
± 150
30
274
60
± 12
73
B1-0505S
± 5.0
± 100
30
263
70
± 10
76
B1-0512S
± 12.0
± 42
28
255
100
± 8
79
B1-0515S
5
± 15.0
± 34
28
255
120
± 8
80
B1-1205S
± 5.0
± 100
18
104
70
± 8
80
B1-1212S
12
± 12
± 42
18
104
100
± 8
80
B1-243R3S
± 3.3
± 150
5
56
60
± 8
74
B1-2405S
± 5.0
± 100
4
55
70
± 8
76
B1-2412S
24
± 12.0
± 42
4
55
100
± 8
76
B1-xxxxS
Notes:
1.
Standard output Voltage is ±3.3V, ±5V, ±12V, ±15V,
B1-xxxxS is for Customer Design.
2.
Load regulation is for output current change from 20 % to 100 % Max. Load.
.
Mechanical Dimension:
Pin
1K Vdc - Dual
1
+Vin
2
-Vin
3
---
4
Vo (-)
5
Common
6
Vo (+)
7
---
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - B1-1212S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-1212S(H)LF BOTHHAND-B1-1212S(H)LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212S01LF BOTHHAND-B1-1212S01LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212SLF BOTHHAND-B1-1212SLF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212SS(H)LF BOTHHAND-B1-1212SS(H)LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212SSLF BOTHHAND-B1-1212SSLF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - B1-1212S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com